전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC11646 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74AC11646
상세설명  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11646 데이터시트(HTML) 7 Page - Texas Instruments

  74AC11646 Datasheet HTML 1Page - Texas Instruments 74AC11646 Datasheet HTML 2Page - Texas Instruments 74AC11646 Datasheet HTML 3Page - Texas Instruments 74AC11646 Datasheet HTML 4Page - Texas Instruments 74AC11646 Datasheet HTML 5Page - Texas Instruments 74AC11646 Datasheet HTML 6Page - Texas Instruments 74AC11646 Datasheet HTML 7Page - Texas Instruments 74AC11646 Datasheet HTML 8Page - Texas Instruments 74AC11646 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74AC11646
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS079A − JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−7
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
100
100
MHz
tPLH
A or B
B or A
1.5
5.5
7.9
1.5
8.8
ns
tPHL
A or B
B or A
1.5
6.3
8.9
1.5
9.8
ns
tPZH
OE
A or B
1.5
7.8
10.7
1.5
12
ns
tPZL
OE
A or B
1.5
8.5
11.9
1.5
13.1
ns
tPHZ
OE
A or B
1.5
5.9
8.4
1.5
8.9
ns
tPLZ
OE
A or B
1.5
5.9
7.7
1.5
8.3
ns
tPLH
CLKBA or CLKAB
A or B
1.5
7
9.7
1.5
11
ns
tPHL
CLKBA or CLKAB
A or B
1.5
8.2
11
1.5
12.2
ns
tPLH
SBA or SAB†
A or B
1.5
5.9
8.4
1.5
9.4
ns
tPHL
SBA or SAB†
(A or B high)
A or B
1.5
7.2
9.8
1.5
10.7
ns
tPLH
SBA or SAB†
A or B
1.5
6.3
8.9
1.5
9.9
ns
tPHL
SBA or SAB†
(A or B low)
A or B
1.5
7.3
9.9
1.5
11
ns
tPZH
DIR
A or B
1.5
8.4
11.2
1.5
12.6
ns
tPZL
DIR
A or B
1.5
9.1
12.3
1.5
13.7
ns
tPHZ
DIR
A or B
1.5
6.3
8.2
1.5
8.7
ns
tPLZ
DIR
A or B
1.5
5.7
7.5
1.5
8.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
59
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
15
pF


유사한 부품 번호 - 74AC11646

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646DW TI-74AC11646DW Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646DWR TI-74AC11646DWR Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646NT TI-74AC11646NT Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74AC11646

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com