전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT11620NT 데이터시트(PDF) 1 Page - Texas Instruments

부품명 74ACT11620NT
상세설명  OCTAL TRANSCEIVER WITH DUAL ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11620NT 데이터시트(HTML) 1 Page - Texas Instruments

  74ACT11620NT Datasheet HTML 1Page - Texas Instruments 74ACT11620NT Datasheet HTML 2Page - Texas Instruments 74ACT11620NT Datasheet HTML 3Page - Texas Instruments 74ACT11620NT Datasheet HTML 4Page - Texas Instruments 74ACT11620NT Datasheet HTML 5Page - Texas Instruments 74ACT11620NT Datasheet HTML 6Page - Texas Instruments 74ACT11620NT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
74AC11620
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCAS062A − JULY 1987 − REVISED APRIL 1993
Copyright
1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Flow-Through Architecture Optimizes PCB
Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at
125
°C
Package Options Include Plastic
Small-Outline Packages, and Standard
Plastic 300-mil DIPs
description
This octal bus transceiver is designed for
asynchronous
communication
between
data
buses. The control function implementation allows
for maximum flexibility in timing.
These devices transmit data from the A bus to the B bus or from the B bus to the A bus depending upon the
level at the output-enable (OEAB or OEBA) inputs. The output-enable inputs can be used to disable the device
so that the buses are effectively isolated.
The dual-enable configuration gives these devices the capability to store data by simultaneous enabling of
OEAB and OEBA. Each output reinforces its input in this transceiver configuration. Thus, when both control
inputs are enabled and all other data sources to the two sets of bus lines are at high impedance, both sets of
bus lines (16 in all) will remain at their last states. The 8-bit codes appearing on the two sets of buses will be
complementary for the 74AC11620.
The 74AC11620 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OPERATION
OEBA
OEAB
OPERATION
L
L
B data to A bus
H
HA data to B bus
H
L
Isolation
L
H
B data to A bus,
A data to B bus
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
OEAB
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
OEBA
EPIC is a trademark of Texas Instruments Incorporated.


유사한 부품 번호 - 74ACT11620NT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT11620NT TI1-74ACT11620NT Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620NT TI1-74ACT11620NT Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ACT11620NT

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AC11620 PHILIPS-74AC11620 Datasheet
178Kb / 7P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74AC11623 TI1-74AC11623_09 Datasheet
108Kb / 6P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
74ACT11620 TI1-74ACT11620_10 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74AC11623 PHILIPS-74AC11623 Datasheet
326Kb / 12P
   OCTAL TRANSCEIVER WITH DUAL ENABLE
October 17 1990
logo
Texas Instruments
74ACT11623 TI1-74ACT11623_15 Datasheet
473Kb / 11P
[Old version datasheet]   OCTAL TRANSCEIVER WITH DUAL ENABLE
logo
NXP Semiconductors
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
logo
ON Semiconductor
MC74LCX652 ONSEMI-MC74LCX652 Datasheet
177Kb / 9P
   LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
1996 REV 1
logo
NXP Semiconductors
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74LVC652 PHILIPS-74LVC652 Datasheet
147Kb / 14P
   Octal transceiver/register with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com