전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM136AH-5.0-SMD 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 LM136AH-5.0-SMD
상세설명  5.0V Reference Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM136AH-5.0-SMD 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM136AH-5.0-SMD Datasheet HTML 4Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 5Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 6Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 7Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 8Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 9Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 10Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 11Page - Texas Instruments LM136AH-5.0-SMD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LM136-5.0QML, LM136A-5.0QML
SNVS352B – APRIL 2008 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
The LM136-5.0 series voltage references are much easier to use than ordinary zener diodes. Their low
impedance and wide operating current range simplify biasing in almost any circuit. Further, either the breakdown
voltage or the temperature coefficient can be adjusted to optimize circuit performance.
Figure 12 shows an LM136-5.0 with a 10k potentiometer for adjusting the reverse breakdown voltage. With the
addition of R1 the breakdown voltage can be adjusted without affecting the temperature coefficient of the device.
The adjustment range is usually sufficient to adjust for both the initial device tolerance and inaccuracies in buffer
circuitry.
If minimum temperature coefficient is desired, four diodes can be added in series with the adjustment
potentiometer as shown in Figure 13. When the device is adjusted to 5.00V the temperature coefficient is
minimized. Almost any silicon signal diode can be used for this purpose such as a 1N914, 1N4148 or a 1N457.
For proper temperature compensation the diodes should be in the same thermal environment as the LM136-5.0.
It is usually sufficient to mount the diodes near the LM136-5.0 on the printed circuit board. The absolute
resistance of the network is not critical and any value from 2k to 20k will work. Because of the wide adjustment
range, fixed resistors should be connected in series with the pot to make pot setting less critical.
Figure 12. LM136-5.0 with Pot for Adjustment of
Breakdown Voltage (Trim Range = ±1.0V Typical)
Figure 13. Temperature Coefficient Adjustment
(Trim Range = ±0.5V Typical)
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM136-5.0QML LM136A-5.0QML


유사한 부품 번호 - LM136AH-5.0-SMD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM136AH-5.0-SMD TI1-LM136AH-5.0-SMD Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
More results

유사한 설명 - LM136AH-5.0-SMD

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM136-5.0 NSC-LM136-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
LM136-50 NSC-LM136-50 Datasheet
216Kb / 11P
   5.0V Reference Diode
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
   5.0V LOW POWER PRECISION REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com