전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM236-5.0 데이터시트(PDF) 5 Page - Texas Instruments

부품명 LM236-5.0
상세설명  5.0V Reference Diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM236-5.0 데이터시트(HTML) 5 Page - Texas Instruments

  LM236-5.0 Datasheet HTML 1Page - Texas Instruments LM236-5.0 Datasheet HTML 2Page - Texas Instruments LM236-5.0 Datasheet HTML 3Page - Texas Instruments LM236-5.0 Datasheet HTML 4Page - Texas Instruments LM236-5.0 Datasheet HTML 5Page - Texas Instruments LM236-5.0 Datasheet HTML 6Page - Texas Instruments LM236-5.0 Datasheet HTML 7Page - Texas Instruments LM236-5.0 Datasheet HTML 8Page - Texas Instruments LM236-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LM136-5.0QML, LM136A-5.0QML
www.ti.com
SNVS352B – APRIL 2008 – REVISED MARCH 2013
LM136-5.0 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. IR = 1 mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
4.6
5.4
V
1
VAdj = 2.5V
4.8
5.6
V
2, 3
5.4
6.6
V
1
VAdj = 1.5V
5.6
6.8
V
2, 3
VR
Reverse Breakdown Voltage
2.4
4.6
V
1
VAdj = 3.5V
2.8
4.8
V
2, 3
4.87
5.08
V
1
8
1
VAdj = Open
4.83
5.13
V
2, 3
VAdj = 2.5V
-260
260
µA
1
IAdj
Adjust Current
VAdj = 1.5V
-260
260
µA
1
VAdj = 3.5V
-260
260
µA
1
ΔVR
-12
12
mV
1
Reverse Breakdown Change with
0.6mA
≤ IR ≤ 15 mA
Current
-20
20
mV
2, 3
VF
Foward Voltage
IR = -10mA
-1.5
-0.49
V
1
VStab
Temperature Stability
VR = Adjusted to 5V
36
mV
2, 3
ZRD
Reverse Dynamic Impedance
(1)
1.6
1, 2, 3
(1)
Specified, not tested.
LM136A–5.0 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified. IR = 1 mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
4.6
5.4
V
1
VAdj = 2.5V
4.8
5.6
V
2, 3
5.4
6.6
V
1
VAdj = 1.5V
5.6
6.8
V
2, 3
VR
Reverse Breakdown Voltage
2.4
4.6
V
1
VAdj = 3.5V
2.8
4.8
V
2, 3
4.93
5.02
V
1
5
9
VAdj = Open
4.88
5.08
V
2, 3
VAdj = 2.5V
-260
260
µA
1
IAdj
Adjust Current
VAdj = 1.5V
-260
260
µA
1
VAdj = 3.5V
-260
260
µA
1
-12
12
mV
1
Reverse Breakdown Change with
ΔVR
0.6mA
≤ IR ≤ 15 mA
Current
-20
20
mV
2, 3
VF
Foward Voltage
IR = -10mA
-1.5
-0.49
V
1
VStab
Temperature Stability
VR = Adjusted to 5V
36
mV
2, 3
ZRD
Reverse Dynamic Impedance
(1)
1.6
1, 2, 3
(1)
Specified, not tested.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM136-5.0QML LM136A-5.0QML


유사한 부품 번호 - LM236-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM236-5.0 NSC-LM236-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
logo
Texas Instruments
LM236-5.0 TI-LM236-5.0 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
More results

유사한 설명 - LM236-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM136-5.0 NSC-LM136-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
LM136-50 NSC-LM136-50 Datasheet
216Kb / 11P
   5.0V Reference Diode
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
   5.0V LOW POWER PRECISION REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com