전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74HC374NSR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74HC374NSR
상세설명  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC374NSR 데이터시트(HTML) 4 Page - Texas Instruments

  SN74HC374NSR Datasheet HTML 1Page - Texas Instruments SN74HC374NSR Datasheet HTML 2Page - Texas Instruments SN74HC374NSR Datasheet HTML 3Page - Texas Instruments SN74HC374NSR Datasheet HTML 4Page - Texas Instruments SN74HC374NSR Datasheet HTML 5Page - Texas Instruments SN74HC374NSR Datasheet HTML 6Page - Texas Instruments SN74HC374NSR Datasheet HTML 7Page - Texas Instruments SN74HC374NSR Datasheet HTML 8Page - Texas Instruments SN74HC374NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN54HC374, SN74HC374
OCTAL EDGETRIGGERED DTYPE FLIPFLOPS
WITH 3STATE OUTPUTS
SCLS141E − DECEMBER 1982 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC374
SN74HC374
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4
5
fclock
Clock frequency
4.5 V
30
20
24
MHz
fclock
Clock frequency
6 V
35
24
28
MHz
2 V
80
120
100
tw
Pulse duration, CLK high or low
4.5 V
16
24
20
ns
tw
Pulse duration, CLK high or low
6 V
14
20
17
ns
2 V
100
150
125
tsu
Setup time, data before CLK
4.5 V
20
30
25
ns
tsu
Setup time, data before CLK
6 V
17
25
21
ns
2 V
10
13
12
th
Hold time, data after CLK
4.5 V
5
5
5
ns
th
Hold time, data after CLK
6 V
5
5
5
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC374
SN74HC374
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
12
4
5
fmax
4.5 V
30
60
20
24
MHz
fmax
6 V
35
70
24
28
MHz
2 V
63
180
270
225
tpd
CLK
Any Q
4.5 V
17
36
54
45
ns
tpd
CLK
Any Q
6 V
15
31
46
38
ns
2 V
60
150
225
190
ten
OE
Any Q
4.5 V
16
30
45
38
ns
ten
OE
Any Q
6 V
14
26
38
32
ns
2 V
36
150
225
190
tdis
OE
Any Q
4.5 V
17
30
45
38
ns
tdis
OE
Any Q
6 V
16
26
38
32
ns
2 V
28
60
90
75
tt
Any Q
4.5 V
8
12
18
15
ns
tt
Any Q
6 V
6
10
15
13
ns


유사한 부품 번호 - SN74HC374NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74HC374NSR TI-SN74HC374NSR Datasheet
304Kb / 15P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74HC374NSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com