전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AC16543DLR 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74AC16543DLR
상세설명  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74AC16543DLR 데이터시트(HTML) 7 Page - Texas Instruments

  74AC16543DLR Datasheet HTML 1Page - Texas Instruments 74AC16543DLR Datasheet HTML 2Page - Texas Instruments 74AC16543DLR Datasheet HTML 3Page - Texas Instruments 74AC16543DLR Datasheet HTML 4Page - Texas Instruments 74AC16543DLR Datasheet HTML 5Page - Texas Instruments 74AC16543DLR Datasheet HTML 6Page - Texas Instruments 74AC16543DLR Datasheet HTML 7Page - Texas Instruments 74AC16543DLR Datasheet HTML 8Page - Texas Instruments 74AC16543DLR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
54AC16543, 74AC16543
16BIT REGISTERED TRANSCEIVERS
WITH 3STATE OUTPUTS
SCAS125B − MARCH 1990 − REVISED APRIL 1996
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16543
74AC16543
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
3.2
8.6
12.5
3.2
13.9
3.2
13.9
ns
tPLH
LEBA or LEAB
A or B
4.6
11.8
16
4.6
18
4.6
18
ns
tPHL
LEBA or LEAB
A or B
4.6
11.3
15.4
4.6
16.8
4.6
16.8
ns
tPZH
CEBA or CEAB
A or B
3.7
10
14
3.7
15.8
3.7
15.8
ns
tPZL
CEBA or CEAB
A or B
4.6
12.7
17.7
4.6
19.8
4.6
19.8
ns
tPHZ
CEBA or CEAB
A or B
4.7
7.8
10.1
4.7
10.8
4.7
10.8
ns
tPLZ
CEBA or CEAB
A or B
4.3
7.3
9.7
4.3
10.4
4.3
10.4
ns
tPZH
OEBA or OEAB
A or B
3.5
9.7
13.9
3.5
15.7
3.5
15.7
ns
tPZL
OEBA or OEAB
A or B
4.5
12.5
17.6
4.5
19.7
4.5
19.7
ns
tPHZ
OEBA or OEAB
A or B
4.8
7.5
9.6
4.8
10.2
4.8
10.2
ns
tPLZ
OEBA or OEAB
A or B
4.1
6.8
9.2
4.1
9.8
4.1
9.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC16543
74AC16543
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
2.7
5.2
7.8
2.7
8.8
2.7
8.8
ns
tPHL
A or B
B or A
2.9
5.5
8.3
2.9
9.2
2.9
9.2
ns
tPLH
LEBA or LEAB
A or B
3.9
7
10.2
3.9
11.5
3.9
11.5
ns
tPHL
LEBA or LEAB
A or B
3.7
6.7
9.9
3.7
10.9
3.7
10.9
ns
tPZH
CEBA or CEAB
A or B
3
5.8
8.7
3
9.8
3
9.8
ns
tPZL
CEBA or CEAB
A or B
3.6
6.7
10.3
3.6
11.5
3.6
11.5
ns
tPHZ
CEBA or CEAB
A or B
4.2
6.5
8.7
4.2
9.3
4.2
9.3
ns
tPLZ
CEBA or CEAB
A or B
4
5.9
8.2
4
8.8
4
8.8
ns
tPZH
OEBA or OEAB
A or B
2.9
5.6
8.5
2.9
9.6
2.9
9.6
ns
tPZL
OEBA or OEAB
A or B
3.5
6.6
10.2
3.5
11.3
3.5
11.3
ns
tPHZ
OEBA or OEAB
A or B
4.2
6.3
8.4
4.2
8.9
4.2
8.9
ns
tPLZ
OEBA or OEAB
A or B
3.7
5.6
7.9
3.7
8.4
3.7
8.4
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 50 pF,
f = 1 MHz
53
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
11
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - 74AC16543DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC16543DLR TI-74AC16543DLR Datasheet
162Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74AC16543DLR

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16543 TI-SN54ABT16543 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com