전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KFF6407A 데이터시트(PDF) 1 Page - CTS Corporation

부품명 KFF6407A
상세설명  Rugged mount, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CTS [CTS Corporation]
홈페이지  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6407A 데이터시트(HTML) 1 Page - CTS Corporation

  KFF6407A Datasheet HTML 1Page - CTS Corporation KFF6407A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KFF6407A
1030 MHZ TCAS BPF
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Excellent Rejection
• Low Loss
• Excellent Return Loss
Description
Rugged mount, silver (Ag) coated ceramic
filter. Developed for use in TCAS
applications.
Weight: 72.7 grams typical
Material: Filter is composed of a ceramic
block plated with Ag.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency
(MHz)
Typical @ 25ºC
Spec. @
25ºC
Passband Insertion Loss
1033-1036
0.8 dB
2.0 dB max
Passband Return Loss
1033-1036
20.7 dB
12.0 dB min
Attenuation
835
70.0 dB
51.0 dB min
Attenuation
915
65.8 dB
46.0 dB min
Attenuation
975
49.8 dB
32.0 dB min
Attenuation
1005
31.6 dB
20.0 dB min
Attenuation
1013
23.0 dB
7.0 dB min
Attenuation
1056
22.5 dB
7.0 dB min
Attenuation
1064
30.5 dB
20.0 dB min
Attenuation
1094
47.0 dB
32.0 dB min
Attenuation
1154
60.4 dB
46.0 dB min
Attenuation
1234
60.7 dB
51.0 dB min
Power Rating
5W
Impedance
50
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


유사한 부품 번호 - KFF6407A

제조업체부품명데이터시트상세설명
logo
CTS Corporation
KFF6401A CTS-KFF6401A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6402A CTS-KFF6402A Datasheet
425Kb / 2P
   KFF6402A
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6403A CTS-KFF6403A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
More results

유사한 설명 - KFF6407A

제조업체부품명데이터시트상세설명
logo
CTS Corporation
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6403A CTS-KFF6403A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6136A CTS-KFF6136A Datasheet
68Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6138A CTS-KFF6138A Datasheet
75Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6050A CTS-KFF6050A Datasheet
79Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6401A CTS-KFF6401A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6668A CTS-KFF6668A Datasheet
68Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com