전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT11160 데이터시트(PDF) 1 Page - Texas Instruments

부품명 74ACT11160
상세설명  SYNCHRONOUS 4-BIT DECADE COUNTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11160 데이터시트(HTML) 1 Page - Texas Instruments

  74ACT11160 Datasheet HTML 1Page - Texas Instruments 74ACT11160 Datasheet HTML 2Page - Texas Instruments 74ACT11160 Datasheet HTML 3Page - Texas Instruments 74ACT11160 Datasheet HTML 4Page - Texas Instruments 74ACT11160 Datasheet HTML 5Page - Texas Instruments 74ACT11160 Datasheet HTML 6Page - Texas Instruments 74ACT11160 Datasheet HTML 7Page - Texas Instruments 74ACT11160 Datasheet HTML 8Page - Texas Instruments 74ACT11160 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74ACT11160
SYNCHRONOUS 4BIT DECADE COUNTER
SCAS170 − D3624, AUGUST 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
1
Inputs Are TTL-Voltage Compatible
Internal Look-Ahead for Fast Counting
Carry Output for N-Bit Cascading
Fully Synchronous Operation for Counting
Synchronously Programmable
Flow-Through Architecture Optimizes PCB
Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPIC  (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity
at 125
°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This synchronous, presettable 4-bit decade counter features an internal carry look-ahead circuitry for
application in high-speed counting designs. Synchronous operation is provided by having all flip-flops clocked
simultaneously so that the outputs change coincident with each other when so instructed by the count-enable
inputs and internal gating. This mode of operation eliminates the output counting spikes that are normally
associated with asynchronous (ripple-clock) counters. A buffered clock (CLK) input triggers the four flip-flops
on the rising (positive-going) edge of the clock-input waveform.
This counter is fully programmable; that is, it may be preset to any number between 0 and 9. As presetting is
synchronous, setting up a low level at the load (LOAD) input disables the counter and causes the outputs to
agree with the setup data after the next clock rising edge regardless of the levels of the enable inputs. The clear
function for the 74ACT11160 is asynchronous, and a low level at the clear (CLR) input sets all four of the flip-flop
outputs low regardless of the levels of the clock, load, or enable inputs.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. Instrumental in accomplishing this function are two count-enable (ENP and ENT) inputs and
a ripple-carry (RCO) output. Both count-enable inputs must be held high to count, and ENT is fed forward to
enable RCO. RCO thus enabled will produce a high-level pulse while the count is 9 (HLLH). This high-level
overflow ripple-carry pulse can be used to enable successive cascaded stages. Transitions at ENP or ENT are
allowed regardless of the level of the clock input.
This counter features a fully independent clock circuit. Changes at control inputs (ENP, ENT, or LOAD) that will
modify the operating mode have no effect on the contents of the counter until clocking occurs. The function of
the counter (whether enabled, disabled, loading, or counting) is dictated solely by the conditions meeting the
setup and hold times.
The 74ACT11160 is characterized for operation from − 40
°C to 85°C.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RCO
QA
QB
GND
GND
GND
GND
QC
QD
LOAD
CLR
CLK
A
B
VCC
VCC
C
D
ENP
ENT
DW OR N PACKAGE
(TOP VIEW)
EPIC is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - 74ACT11160

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ACT11160 PHILIPS-74ACT11160 Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74ACT11160D PHILIPS-74ACT11160D Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
74ACT11160N PHILIPS-74ACT11160N Datasheet
271Kb / 10P
   SYNCHRONOUS PRESETTABLE SYNCHRONOUS BCD DECADE COUNTER
October 17 1990
More results

유사한 설명 - 74ACT11160

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11160 TI1-74AC11160_10 Datasheet
132Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11162 TI-74AC11162 Datasheet
126Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
NXP Semiconductors
HEF40162B PHILIPS-HEF40162B Datasheet
166Kb / 10P
   4-bit synchronous decade counter with synchronous reset
January 1995
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com