전자부품 데이터시트 검색엔진 |
|
CD40109BNSRG4 데이터시트(PDF) 1 Page - Texas Instruments |
|
CD40109BNSRG4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 14 page Data sheet acquired from Harris Semiconductor SCHS099B – Revised January 2003 The CD40109, unlike other low-to-high level-shifting circuits, does not require the presence of the high-voltage supply (VDD) before the application of either the low-voltage supply (VCC) or the input signals. There are no restrictions on the sequence of application of VDD, VCC, or the input signals. In addition, with one exception there are no restrictions on the relative magnitudes of the supply voltages or input signals within the device maximum ratings, provided that the input signal swings between VSS and at least 0.7 VCC; VCC may exceed VDD, and input signals may exceed VCC and VDD. When operated in the mode VCC > VDD, the CD40109 will operate as a high-to-low level-shifter. The CD40109B-Series types are supplied in 16-lead ceramic dual-in-line packages (F3A suffix), 16-lead dual-in-line plastic packages (E suffix), 16-lead small-outline packages (NSR suffix), and 16-lead thin shrink small-outline packages (PW and PWR suffixes). OUTPUT VOLTAGE RANGE, ALL OUTPUTS –0.5 V to VDD +0.5 V . . . . . . . . . . . . . . . . . . Copyright 2003, Texas Instruments Incorporated |
유사한 부품 번호 - CD40109BNSRG4 |
|
유사한 설명 - CD40109BNSRG4 |