전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT16373 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT16373
상세설명  16-Bit Transparent D-Type Latches With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT16373 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74AHCT16373 Datasheet HTML 7Page - Texas Instruments SN74AHCT16373 Datasheet HTML 8Page - Texas Instruments SN74AHCT16373 Datasheet HTML 9Page - Texas Instruments SN74AHCT16373 Datasheet HTML 10Page - Texas Instruments SN74AHCT16373 Datasheet HTML 11Page - Texas Instruments SN74AHCT16373 Datasheet HTML 12Page - Texas Instruments SN74AHCT16373 Datasheet HTML 13Page - Texas Instruments SN74AHCT16373 Datasheet HTML 14Page - Texas Instruments SN74AHCT16373 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1OE
2OE
1EN
C3
1LE
3D
1D1
1D2
1D3
1D4
1Q1
1Q2
1Q3
1Q4
1D5
1D6
1D7
1D8
1Q5
1Q6
1Q7
1Q8
4D
2D1
2D2
2D3
2D4
2Q1
2Q2
2Q3
2Q4
2D5
2D6
2D7
2D8
2Q5
2Q6
2Q7
2Q8
2EN
C4
2LE
1
2
SN54AHCT16373, SN74AHCT16373
www.ti.com
SCLS336I – JANUARY 2000 – REVISED AUGUST 2014
Functional Block Diagrams (continued)
Figure 4. Logic Symbol
9.3 Feature Description
TTL inputs
Lowered switching threshold allows up translation from 3.3 V to 5 V
Slow edges reduce output ringing
9.4 Device Functional Modes
Table 1. Function Table
(Each 8-bit Latch)
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54AHCT16373 SN74AHCT16373


유사한 부품 번호 - SN74AHCT16373

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT16373 TI-SN74AHCT16373 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373 TI-SN74AHCT16373 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373 TI-SN74AHCT16373 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373DGG TI-SN74AHCT16373DGG Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHCT16373DGGR TI-SN74AHCT16373DGGR Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHCT16373

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com