전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT16373DGVR 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT16373DGVR
상세설명  16-Bit Transparent D-Type Latches With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT16373DGVR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74AHCT16373DGVR Datasheet HTML 3Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 4Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 5Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 6Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 7Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 8Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 9Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 10Page - Texas Instruments SN74AHCT16373DGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN54AHCT16373, SN74AHCT16373
www.ti.com
SCLS336I – JANUARY 2000 – REVISED AUGUST 2014
7.7 Switching Characteristics
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2)
SN74AHCT16373
TA = 25°C
SN54AHCT16373
(1)
SN74AHCT16373
FROM
TO
LOAD
TA = –40°C to 125°C
PARAMETER
UNIT
(OUTPUT)
(INPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
5.1
(2)
8.5
(2)
1
(2)
9.5
(2)
1
9.5
1
10.5
D
Q
CL = 15 pF
ns
tPHL
5.1
(2)
8.5
(2)
1
(2)
9.5
(2)
1
9.5
1
10.5
tPLH
5
(2)
8.5
(2)
1
(2)
9.5
(2)
1
9.5
1
10.5
LE
Q
CL = 15 pF
ns
tPHL
5
(2)
8.5
(2)
1
(2)
9.5
(2)
1
9.5
1
10.5
tPZH
5
(2)
9.5
(2)
1
(2)
10.5
(2)
1
10.5
1
11.1
OE
Q
CL = 15 pF
ns
tPZL
5
(2)
9.5
(2)
1
(2)
10.5
(2)
1
10.5
1
11.1
tPHZ
6
(2)
10.2
(2)
1
(2)
11
(2)
1
11
1
11.6
OE
Q
CL = 15 pF
ns
tPLZ
6.8
(2)
10.2
(2)
1
(2)
11
(2)
1
11
1
11.6
tPLH
5.9
9.5
1
10.5
1
10.5
1
11.5
D
Q
CL = 50 pF
ns
tPHL
5.9
9.5
1
10.5
1
10.5
1
11.5
tPLH
6.4
9.5
1
10.5
1
10.5
1
11.5
LE
Q
CL = 50 pF
ns
tPHL
5.9
9.5
1
10.5
1
10.5
1
11.5
tPZH
6
10.5
1
11.5
1
11.5
1
12.1
OE
Q
CL = 50 pF
ns
tPZL
6
10.5
1
11.5
1
11.5
1
12.1
tPHZ
6.8
11.2
1
12
1
12
1
12.6
OE
Q
CL = 50 pF
ns
tPLZ
7.8
11.2
1
12
1
12
1
12.6
tsk(o)
CL = 50 pF
1
(3)
1
1
ns
(1)
Product Preview
(2)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(3)
On products compliant to MIL-PRF-38535, this parameter does not apply.
7.8 Noise Characteristics
VCC = 5 V, CL = 50 pF, TA = 25°C
(1)
SN74AHCT16373
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.32
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.1
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.7
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
(1)
Characteristics are for surface-mount packages only.
7.9 Operating Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
22
pF
Copyright © 2000–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54AHCT16373 SN74AHCT16373


유사한 부품 번호 - SN74AHCT16373DGVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT16373DGVR TI-SN74AHCT16373DGVR Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHCT16373DGVR

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com