전자부품 데이터시트 검색엔진 |
|
SN74AHCT16373DGVR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
SN74AHCT16373DGVR 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 22 page 1OE 1LE 1D1 To Seven Other Channels 1Q1 2OE 2LE 2D1 2Q1 To Seven Other Channels C1 1D C1 1D Product Folder Sample & Buy Technical Documents Tools & Software Support & Community SN54AHCT16373, SN74AHCT16373 SCLS336I – JANUARY 2000 – REVISED AUGUST 2014 SNx4AHCT16373 16-Bit Transparent D-Type Latches With 3-State Outputs 1 Features 2 Applications 1 • Members of the Texas Instruments Widebus™ • Wearable Health and Fitness Devices Family • Toys • EPIC™ (Enhanced-Performance Implanted • PCs and Notebooks CMOS) Process • Power Infrastructures • Inputs are TTL-Voltage Compatible • Servers • Distributed VCC and GND Pins Minimize High- Speed Switching Noise 3 Description • Flow-Through Architecture Optimizes PCB Layout The SNxAHCT16373 devices are 16-bit transparent D-type latches with 3-state outputs designed • Latch-Up Performance Exceeds 250 mA Per specifically for driving highly capacitive or relatively JESD 17 low-impedance loads. They are particularly suitable • ESD Protection Exceeds 2000 V Per MIL-STD- for implementing buffer registers, I/O ports, 883, Method 3015; Exceeds 200 V Using Machine bidirectional bus drivers, and working registers. Model (C = 200 pF, R = 0) Device Information(1) • Package Options Include: PART NUMBER PACKAGE BODY SIZE (NOM) – Plastic Shrink Small-Outline (DL) Package TSSOP (48) 12.50 mm × 6.10 mm – Thin Shrink Small-Outline (DGG) Package SNx4AHC16373 TVSOP (48) 9.70 mm × 4.40 mm – Thin Very Small-Outline (DGV) Package SSOP (48) 15.88 mm × 7.49 mm – 80-mil Fine-Pitch Ceramic Flat (WD) Package (1) For all available packages, see the orderable addendum at Using 25-mil Center-to-Center Spacings the end of the data sheet. 4 Simplified Schematic 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION DATA. |
유사한 부품 번호 - SN74AHCT16373DGVR |
|
유사한 설명 - SN74AHCT16373DGVR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |