전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT16373DLR 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT16373DLR
상세설명  16-Bit Transparent D-Type Latches With 3-State Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT16373DLR 데이터시트(HTML) 1 Page - Texas Instruments

  SN74AHCT16373DLR Datasheet HTML 1Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 2Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 3Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 4Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 5Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 6Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 7Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 8Page - Texas Instruments SN74AHCT16373DLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1OE
1LE
1D1
To Seven Other Channels
1Q1
2OE
2LE
2D1
2Q1
To Seven Other Channels
C1
1D
C1
1D
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54AHCT16373, SN74AHCT16373
SCLS336I – JANUARY 2000 – REVISED AUGUST 2014
SNx4AHCT16373 16-Bit Transparent D-Type Latches With 3-State Outputs
1 Features
2 Applications
1
Members of the Texas Instruments Widebus™
Wearable Health and Fitness Devices
Family
Toys
EPIC™ (Enhanced-Performance Implanted
PCs and Notebooks
CMOS) Process
Power Infrastructures
Inputs are TTL-Voltage Compatible
Servers
Distributed VCC and GND Pins Minimize High-
Speed Switching Noise
3 Description
Flow-Through Architecture Optimizes PCB Layout
The SNxAHCT16373 devices are 16-bit transparent
D-type
latches
with
3-state
outputs
designed
Latch-Up Performance Exceeds 250 mA Per
specifically for driving highly capacitive or relatively
JESD 17
low-impedance loads. They are particularly suitable
ESD Protection Exceeds 2000 V Per MIL-STD-
for
implementing
buffer
registers,
I/O
ports,
883, Method 3015; Exceeds 200 V Using Machine
bidirectional bus drivers, and working registers.
Model (C = 200 pF, R = 0)
Device Information(1)
Package Options Include:
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Plastic Shrink Small-Outline (DL) Package
TSSOP (48)
12.50 mm × 6.10 mm
Thin Shrink Small-Outline (DGG) Package
SNx4AHC16373
TVSOP (48)
9.70 mm × 4.40 mm
Thin Very Small-Outline (DGV) Package
SSOP (48)
15.88 mm × 7.49 mm
80-mil Fine-Pitch Ceramic Flat (WD) Package
(1) For all available packages, see the orderable addendum at
Using 25-mil Center-to-Center Spacings
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


유사한 부품 번호 - SN74AHCT16373DLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT16373DLR TI-SN74AHCT16373DLR Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHCT16373DLR

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHC16373 TI-SN54AHC16373_07 Datasheet
371Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16373A TI-SN54ABT16373A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVC16373A RENESAS-HD74LVC16373A Datasheet
195Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
logo
Hitachi Semiconductor
HD74LVC16373A HITACHI-HD74LVC16373A Datasheet
56Kb / 10P
   16-bit D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com