전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT16244DL 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT16244DL
상세설명  16-Bit Buffers/Drivers With 3-State Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT16244DL 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74AHCT16244DL Datasheet HTML 2Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 3Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 4Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 5Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 6Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 7Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 8Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 9Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SN74AHCT16244
SCLS334J – MARCH 1996 – REVISED OCTOBER 2014
www.ti.com
7.4 Thermal Information
SN74AHCT16244
THERMAL METRIC(1)
DGG
DGV
DL
UNIT
48 PINS
48 PINS
48 PINS
RθJA
Junction-to-ambient thermal resistance
72.5
83.5
64.6
RθJC(top)
Junction-to-case (top) thermal resistance
26.8
35.7
34.5
RθJB
Junction-to-board thermal resistance
39.4
46.6
36.4
°C/W
ψJT
Junction-to-top characterization parameter
2.6
4.3
11.1
ψJB
Junction-to-board characterization parameter
39.1
46.0
36.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 125°C
TA = 25°C
SN74AHCT16244
SN74AHCT16244
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –50 µA
4.4
4.5
4.4
4.4
VOH
4.5 V
V
IOH = –8 mA
3.94
3.8
3.8
IOL = 50 µA
0.1
0.1
0.1
VOL
4.5 V
V
IOL = 8 mA
0.36
0.44
0.44
0 V to
II
VI = VCC or GND
±0.1
±1
±1
µA
5.5 V
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
±2.5
µA
ICC
VI = VCC or GND, IO = 0
5.5 V
4
40
40
µA
One input at 3.4 V,
ΔICC
(1)
5.5 V
1.35
1.5
1.5
mA
Other inputs at VCC or GND
Ci
VI = VCC or GND
5 V
2.5
10
10
10
pF
Co
VO = VCC or GND
5 V
3
pF
(1)
This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.
7.6 Switching Characteristics, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
TA = –40°C to 125°C
TA = 25°C
SN74AHCT16244
FROM
TO
LOAD
SN74AHCT16244
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
5.4
(1)
8.5
(1)
1
9.5
1
10.5
A
Y
CL = 15 pF
ns
tPHL
5.4
(1)
8.5
(1)
1
9.5
1
10.5
tPZH
7.7
(1)
10.4
(1)
1
12
1
13
OE
Y
CL = 15 pF
ns
tPZL
7.7
(1)
10.4
(1)
1
12
1
13
tPHZ
5
(1)
10.4
(1)
1
12
1
13
OE
Y
CL = 15 pF
ns
tPLZ
5
(1)
10.4
(1)
1
12
1
13
tPLH
7
9.5
1
10.5
1
11.5
A
Y
CL = 50 pF
ns
tPHL
5.9
9.5
1
10.5
1
11.5
tPZH
8.2
11.4
1
13
1
14.5
OE
Y
CL = 50 pF
ns
tPZL
8.2
11.4
1
13
1
14.5
tPHZ
8.8
11.4
1
13
1
14
OE
Y
CL = 50 pF
ns
tPLZ
8.8
11.4
1
13
1
14
tsk(o)
CL = 50 pF
1
(2)
1
1
ns
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
On products compliant to MIL-PRF-38535, this parameter does not apply.
6
Submit Documentation Feedback
Copyright © 1996–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHCT16244


유사한 부품 번호 - SN74AHCT16244DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT16244DL TI-SN74AHCT16244DL Datasheet
108Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DL TI-SN74AHCT16244DL Datasheet
250Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DL TI-SN74AHCT16244DL Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DLG4 TI-SN74AHCT16244DLG4 Datasheet
250Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DLG4 TI-SN74AHCT16244DLG4 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHCT16244DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com