전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74AHCT16244DL 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74AHCT16244DL
상세설명  16-Bit Buffers/Drivers With 3-State Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHCT16244DL 데이터시트(HTML) 9 Page - Texas Instruments

Back Button SN74AHCT16244DL Datasheet HTML 5Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 6Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 7Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 8Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 9Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 10Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 11Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 12Page - Texas Instruments SN74AHCT16244DL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1A1
1A2
1A3
1A4
1Y1
1Y2
1Y3
1Y4
2A1
2A2
2A3
2A4
2Y1
2Y2
2Y3
2Y4
3A1
3A2
3A3
3A4
3Y1
3Y2
3Y3
3Y4
4A1
4A2
4A3
4A4
4Y1
4Y2
4Y3
4Y4
EN1
EN4
1OE
2OE
3OE
4OE
EN2
EN3
1
1
1
1
1
2
3
4
SN74AHCT16244
www.ti.com
SCLS334J – MARCH 1996 – REVISED OCTOBER 2014
9 Detailed Description
9.1 Overview
The SN74AHCT16244 device is a 16-bit buffer and line driver specifically designed to improve the performance
and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. This
device can be used as a four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. It provides true outputs and
symmetrical active-low output-enable (OE) inputs. To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor. The minimum value of the resistor is determined by the
current-sinking capability of the driver. The SN74AHCT16244 is characterized for operation from –40°C to
125°C.
9.2 Functional Block Diagram
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Figure 3.
9.3 Feature Description
VCC is optimized at 5 V
Allows up voltage translation from 3.3 V to 5 V
Inputs accept VIH levels of 2 V
Slow edge rates minimize output ringing
Inputs are TTL-voltage compatible
9.4 Device Functional Modes
Table 1. Function Table
(Each 4-bit Buffer/Driver)
INPUTS
OUTPUT
Y
OE
A
L
H
H
L
L
L
H
X
Z
Copyright © 1996–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74AHCT16244


유사한 부품 번호 - SN74AHCT16244DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AHCT16244DL TI-SN74AHCT16244DL Datasheet
108Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DL TI-SN74AHCT16244DL Datasheet
250Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DL TI-SN74AHCT16244DL Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DLG4 TI-SN74AHCT16244DLG4 Datasheet
250Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT16244DLG4 TI-SN74AHCT16244DLG4 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74AHCT16244DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT16540 TI1-SN54ABT16540_09 Datasheet
306Kb / 9P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com