전자부품 데이터시트 검색엔진 |
|
SN74AHCT16244DLR 데이터시트(PDF) 10 Page - Texas Instruments |
|
|
SN74AHCT16244DLR 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 20 page C or System Logic A1 A4 OE Y1 Y2 VCC GND C/System Logic/LEDs 5 V 3.3 V SN74AHCT16244 SCLS334J – MARCH 1996 – REVISED OCTOBER 2014 www.ti.com 10 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 10.1 Application Information The SN74HCT16244 is a low-drive CMOS device that can be used for a multitude of bus interface type applications where output ringing is a concern. The low drive and slow edge rates will minimize overshoot and undershoot on the outputs. The input switching levels have been lowered to accommodate TTL inputs of 0.8-V VIL and 2-V VIH. This feature makes it ideal for translating up from 3.3 V to 5 V. The figure below shows this type of translation 10.2 Typical Application Figure 4. Typical Application Schematic 10.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus contention because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads, so routing and load conditions should be considered to prevent ringing. 10.2.2 Detailed Design Procedure 1. Recommended Input Conditions: – For rise time and fall time specifications, see Δt/ΔV in the Recommended Operating Conditions table. – For specified high and low levels, see VIH and VIL in the Recommended Operating Conditions table. – Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC. 2. Recommended Output Conditions: – Load currents should not exceed 25 mA per output and 75 mA total for the part. – Outputs should not be pulled above VCC. 10 Submit Documentation Feedback Copyright © 1996–2014, Texas Instruments Incorporated Product Folder Links: SN74AHCT16244 |
유사한 부품 번호 - SN74AHCT16244DLR |
|
유사한 설명 - SN74AHCT16244DLR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |