전자부품 데이터시트 검색엔진 |
|
CD4048BM 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
CD4048BM 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 16 page Data sheet acquired from Harris Semiconductor SCHS045C − Revised October 2003 In addition to the eight input lines, an EXPAND input is provided that permits the user to increase the number of inputs into a CD4048B (see Fig. 2). For example, two CD4048Bs can be cascaded to provide a 16-input multifunction gate. When the EXPAND input is not used, it should be connected to VSS. The CD4048B-series types are supplied in 16-lead hermetic dual-in-line ceramic packages (F3A suffix), 16-lead dual-in-line plastic packages (E suffix), 16-lead small-outline packages (M, M96, MT, and NSR suffixes), and 16-lead thin shrink small-outline packages (PW and PWR suffixes). Copyright © 2003, Texas Instruments Incorporated |
유사한 부품 번호 - CD4048BM |
|
유사한 설명 - CD4048BM |