전자부품 데이터시트 검색엔진 |
|
SN74ABT162823ADLR 데이터시트(PDF) 5 Page - Texas Instruments |
|
SN74ABT162823ADLR 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 13 page SN54ABT162823A, SN74ABT162823A 18BIT BUSINTERFACE FLIPFLOPS WITH 3STATE OUTPUTS SCBS666B − JULY 1996 − REVISED JUNE 2004 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 1) VCC = 5 V, TA = 25°C SN54ABT162823A SN74ABT162823A UNIT MIN MAX MIN MAX MIN MAX UNIT fclock Clock frequency 150 150 150 MHz tw Pulse duration CLR low 3.3 3.3 3.3 ns tw Pulse duration CLK high or low 3.3 3.3 3.3 ns CLR inactive 1.6 2 1.6 tsu Setup time before CLK ↑ Data 2 2 2 ns tsu Setup time before CLK ↑ CLKEN low 2.8 2.8 2.8 ns th Hold time after CLK ↑ Data 1.2 1.2 1.2 ns th Hold time after CLK ↑ CLKEN low 0.6 0.6 0.6 ns switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C SN54ABT162823A SN74ABT162823A UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX UNIT fmax 150 150 150 MHz tPLH CLK Q 2.3 4.6 6.2 2.3 8.4 2.3 7.5 ns tPHL CLK Q 2.8 4.6 6.1 2.8 7.1 2.8 6.7 ns tPHL CLR Q 2.8 5 6.3 2.8 7.2 2.8 7 ns tPZH OE Q 1.7 3.8 5 1.7 5.8 1.7 5.9 ns tPZL OE Q 3 5 6.1 3 7.2 3 7 ns tPHZ OE Q 2.6 4.8 6.1 2.6 7.3 2.6 6.6 ns tPLZ OE Q 1.9 4.6 6.7 1.9 10.2 1.9 9 ns UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - SN74ABT162823ADLR |
|
유사한 설명 - SN74ABT162823ADLR |