전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT11898DW 데이터시트(PDF) 10 Page - Texas Instruments

부품명 74ACT11898DW
상세설명  10-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11898DW 데이터시트(HTML) 10 Page - Texas Instruments

Back Button 74ACT11898DW Datasheet HTML 5Page - Texas Instruments 74ACT11898DW Datasheet HTML 6Page - Texas Instruments 74ACT11898DW Datasheet HTML 7Page - Texas Instruments 74ACT11898DW Datasheet HTML 8Page - Texas Instruments 74ACT11898DW Datasheet HTML 9Page - Texas Instruments 74ACT11898DW Datasheet HTML 10Page - Texas Instruments 74ACT11898DW Datasheet HTML 11Page - Texas Instruments 74ACT11898DW Datasheet HTML 12Page - Texas Instruments 74ACT11898DW Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
18X 1.27
20X 0.51
0.31
2X
11.43
TYP
0.33
0.10
0 - 8
0.3
0.1
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
13.0
12.6
B
7.6
7.4
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.43 mm per side.
5. Reference JEDEC registration MS-013.
1
20
0.25
C A B
11
10
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200


유사한 부품 번호 - 74ACT11898DW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ACT11898D PHILIPS-74ACT11898D Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Texas Instruments
74ACT11898D TI1-74ACT11898D Datasheet
108Kb / 7P
[Old version datasheet]   10-bit serial-in parallel-out shift register
More results

유사한 설명 - 74ACT11898DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AC11898 TI1-74AC11898_09 Datasheet
108Kb / 7P
[Old version datasheet]   10-bit serial-in parallel-out shift register
logo
NXP Semiconductors
74AC11898 PHILIPS-74AC11898 Datasheet
189Kb / 7P
   10-bit serial-in parallel-out shift register
October 17 1990
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
   8-Bit Parallel-Out Serial Shift Register
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
   8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
   8-Bit Parallel-Out Serial Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
   16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
   16-Bit Serial-In, Serial/Parallel-Out Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com