전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74SSTUB32868 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 74SSTUB32868
상세설명  28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74SSTUB32868 데이터시트(HTML) 8 Page - Texas Instruments

Back Button 74SSTUB32868 Datasheet HTML 4Page - Texas Instruments 74SSTUB32868 Datasheet HTML 5Page - Texas Instruments 74SSTUB32868 Datasheet HTML 6Page - Texas Instruments 74SSTUB32868 Datasheet HTML 7Page - Texas Instruments 74SSTUB32868 Datasheet HTML 8Page - Texas Instruments 74SSTUB32868 Datasheet HTML 9Page - Texas Instruments 74SSTUB32868 Datasheet HTML 10Page - Texas Instruments 74SSTUB32868 Datasheet HTML 11Page - Texas Instruments 74SSTUB32868 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
J
H
G
F
E
D
C
B
A
2
1
D27
CLK
3
4
6
5
P
N
M
L
K
T
R
V
U
8
7
W
Y
AB
AA
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
P
N
M
L
K
T
R
V
U
8
7
W
Y
AB
AA
D2
D16
(
)
DCS1
Q16B
(
)
QCS1B
Q8A
D9
D10
D11
CLK
D12
D17
D18
D19
D20
D22
D25
D4
D6
Q8B
D8
Q14A
(QODT0A)
Q13B
(QODT1B)
D14
(
)
DODT0
Q16A
(
)
QCS1A
C
Q2B
GND
VCC
GND
D3
GND
D1
D5
D7
Q2A
Q19A
VREF
VCC
VCC
VCC
Q1A
Q1B
GND
GND
GND
GND
Q4A
Q4B
VCC
VCC
VCC
VCC
Q3A
Q3B
Q9B
Q5B
GND
GND
GND
GND
VCC
VCC
VCC
VCC
Q5A
Q6A
Q10A
GND
GND
GND
Q7A
Q7B
VCC
VCC
VCC
VCC
Q9A
Q6B
D13
(DODT1)
Q13A
(DODT1A)
GND
GND
GND
GND
Q11A
Q19B
VCC
VCC
VCC
VCC
Q10B
PAR_IN
Q11B
QERR
GND
GND
GND
Q14B
(QODT0B)
Q15B
(
)
QCS0B
CSGEN
RESET
VCC
VCC
VCC
D15
(
)
DCS0
Q15A
(
)
QCS0A
GND
GND
GND
GND
Q12B
Q20B
Q17B
Q18B
Q18A
Q21B
(QCKE0B)
Q20A
Q22B
Q24A
Q24B
Q22A
Q25A
Q25B
Q26A
Q26B
Q27A
Q27B
Q28A
Q28B
VCC
VCC
VCC
VCC
Q12A
Q17A
Q21A
(QCKE0A)
D24
D26
D28
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
NC
VCC
VREF
VCC
PACKAGE
(TOP VIEW)
Terminal AssignmentforRegister-B(C=1)
Q23B
(QCKE1B)
Q23A
(QCKE1A)
D21
(DCKE0)
D23
(DCKE1)
74SSTUB32868
SCAS835C – JUNE 2007 – REVISED MARCH 2009 ......................................................................................................................................................... www.ti.com
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): 74SSTUB32868


유사한 부품 번호 - 74SSTUB32868

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868AZRHR TI1-74SSTUB32868AZRHR Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868AZRHR TI1-74SSTUB32868AZRHR Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results

유사한 설명 - 74SSTUB32868

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74SSTUB32868A TI1-74SSTUB32868A Datasheet
770Kb / 25P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865AZJBR TI-74SSTUB32865AZJBR Datasheet
728Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868 TI1-74SSTUB32868 Datasheet
434Kb / 23P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32868A TI1-74SSTUB32868A_14 Datasheet
768Kb / 26P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865 TI1-74SSTUB32865 Datasheet
772Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
74SSTUB32865A TI1-74SSTUB32865A Datasheet
773Kb / 21P
[Old version datasheet]   28-BIT TO 56-BIT REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866A TI1-SN74SSTU32866A Datasheet
654Kb / 35P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866 Datasheet
1Mb / 33P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTUB32866 TI-SN74SSTUB32866_09 Datasheet
1Mb / 38P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
SN74SSTU32866 TI-SN74SSTU32866 Datasheet
714Kb / 37P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER WITH ADDRESS-PARITY TEST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com