전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

EZN-4100LCMUS-2 데이터시트(PDF) 2 Page - Cherry Semiconductor Corporation

부품명 EZN-4100LCMUS-2
부품 상세설명  Ultra-Slim Compact Covered – EZClean® 4100
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHERRY [Cherry Semiconductor Corporation]
홈페이지  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

EZN-4100LCMUS-2 데이터시트(HTML) 2 Page - Cherry Semiconductor Corporation

  EZN-4100LCMUS-2 Datasheet HTML 1Page - Cherry Semiconductor Corporation EZN-4100LCMUS-2 Datasheet HTML 2Page - Cherry Semiconductor Corporation EZN-4100LCMUS-2 Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ultra-Slim Compact Covered – EZClean® 4100
Order Description
Service Design
Product Name
Order Number
Interface
# of
Keys
Color
Cover
Heavy Use
EZClean® 4100
EZN-4100LCMUS-2
(includes keyboard
and cover)
USB with
PS/2 Adapter
86
Black
Transparent
Heavy Use
EZClean® Cover
KBCF-4100-2
N/A
N/A
Black
Transparent
Technical Data continued:
Current Consumption:
Max. 100 mA
Keyboard :
Key technology: ML
Service life, standard key: > 20 million key
operations
Operation characteristics: Linear
Inscription technology: Laser
Inscription layout: Normal
Number of Keys: 86 (w/Windows keys)
Cover Silicone life > 3 million key
operations
Keyboard Reliability:
MTBF > (90) > 169,3000 hours
MCBF > 10 bill. operation
Warranty:
2 Years (Keyboard)
1 Year Limited (Silicone Cover)
Cleaning Materials:
Suggested cleaning/disinfectant materials are:
Alcohol based cleaning products
Chlorine bleach disinfectant wipes products
10% Bleach solution
10% Hydrogen Peroxide
Disinfectant wipes
Soap and water
Warning
Do not use the following fluids or actions to clean the
keyboard:
NO Petroleum based cleaning fluids, such as
Gasoline (Petrol), Turpentine, or Oil
NO Acetone
NO cleaning fluid with over 10% bleach
NO temperature sterilization
NO abrasive scrubbing pads


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL