전자부품 데이터시트 검색엔진 |
|
SN74CBTS16211DLR 데이터시트(PDF) 2 Page - Texas Instruments |
|
SN74CBTS16211DLR 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 11 page SN74CBTS16211 24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING SCDS050D – MARCH 1998 – REVISED OCTOBER 2000 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 FUNCTION TABLE (each 12-bit bus switch) INPUT OE FUNCTION L A port = B port H Disconnect logic diagram (positive logic) 1A1 1A12 1OE 1B1 1B12 2 14 56 54 42 2A1 2A12 2OE 2B1 2B12 15 28 55 41 29 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous channel current 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DGG package 64 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DGV package 48 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DL package 56 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions (see Note 3) MIN MAX UNIT VCC Supply voltage 4 5.5 V VIH High-level control input voltage 2 V VIL Low-level control input voltage 0.8 V TA Operating free-air temperature –40 85 °C NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. |
유사한 부품 번호 - SN74CBTS16211DLR |
|
유사한 설명 - SN74CBTS16211DLR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |