전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTLPH306DWR 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74GTLPH306DWR
상세설명  8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH306DWR 데이터시트(HTML) 2 Page - Texas Instruments

  SN74GTLPH306DWR Datasheet HTML 1Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 2Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 3Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 4Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 5Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 6Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 7Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 8Page - Texas Instruments SN74GTLPH306DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
<BR/>
SN74GTLPH306
8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SCES284E – OCTOBER 1999 – REVISED APRIL 2005
This GTLP device features TI-OPC circuitry, which actively limits overshoot caused by improperly terminated
backplanes, unevenly distributed cards, or empty slots during low-to-high signal transitions. This improves signal
integrity, which allows adequate noise margin to be maintained at higher frequencies.
Active bus-hold circuitry holds unused or undriven LVTTL data inputs at a valid logic state. Use of pullup or
pulldown resistors with the bus-hold circuitry is not recommended.
When VCC is between 0 and 1.5 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 1.5 V, the output-enable (OE) input should be tied to VCC
through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the
driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74GTLPH306DW
SOIC – DW
GTLPH306
Tape and reel
SN74GTLPH306DWR
–40°C to 85°C
TSSOP – PW
Tape and reel
SN74GTLPH306PWR
GH306
TVSOP – DGV
Tape and reel
SN74GTLPH306DGVR
GH306
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTIONAL DESCRIPTION
The SN74GTLPH306 is an 8-bit bus transceiver and is designed for asynchronous communication between data
buses. The device transmits data from the A port to the B port or from the B port to the A port, depending on the
logic level at the direction-control (DIR) input. OE can be used to disable the device so the buses are effectively
isolated. Data polarity is noninverting.
For A-to-B data flow, when OE is low and DIR is high, the B outputs take on the logic value of the A inputs.
When OE is high, the outputs are in the high-impedance state.
The data flow for B to A is similar to A to B, except OE and DIR are low.
FUNCTION TABLE
INPUTS
OUTPUT
MODE
OE
DIR
H
X
Z
Isolation
L
L
B data to A port
True transparent
L
H
A data to B port
2


유사한 부품 번호 - SN74GTLPH306DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH306DWR TI-SN74GTLPH306DWR Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results

유사한 설명 - SN74GTLPH306DWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH306 TI-SN74GTLPH306 Datasheet
255Kb / 1P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP8T306 FAIRCHILD-GTLP8T306 Datasheet
58Kb / 7P
   8-Bit LVTTL/GTLP Bus Transceiver
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32912 TI1-SN74GTLPH32912 Datasheet
388Kb / 17P
[Old version datasheet]   36-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com