전자부품 데이터시트 검색엔진 |
|
74CBTS16211DGVRG4 데이터시트(PDF) 3 Page - Texas Instruments |
|
74CBTS16211DGVRG4 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 11 page SN74CBTS16211 24-BIT FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING SCDS050D – MARCH 1998 – REVISED OCTOBER 2000 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = –18 mA –1.2 V II IIL VCC = 5.5 V, VI = GND –1 µA II IIH VCC = 5.5 V, VI = 5.5 V 150 µA ICC VCC = 5.5 V, IO = 0, VI = VCC or GND 3 µA ∆ICC‡ Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 2.5 mA Ci Control inputs VI = 3 V or 0 3 pF Cio(OFF) VO = 3 V or 0, OE = VCC 5.5 pF § VCC = 4 V, TYP at VCC = 4 V VI = 2.4 V, II = 15 mA 14 20 ron§ VI =0 II = 64 mA 5 7 Ω on VCC = 4.5 V VI = 0 II = 30 mA 5 7 VI = 2.4 V, II = 15 mA 8 12 † All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. ‡ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. § Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined by the lowest voltage of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4 V VCC = 5 V ± 0.5 V UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX tpd¶ A or B B or A 0.35 0.25 ns ten OE A or B 9.3 3.3 8.6 ns tdis OE A or B 7.1 2.8 7.9 ns ¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). |
유사한 부품 번호 - 74CBTS16211DGVRG4 |
|
유사한 설명 - 74CBTS16211DGVRG4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |