전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74GTLPH1645GQLR 데이터시트(PDF) 11 Page - Texas Instruments

부품명 SN74GTLPH1645GQLR
상세설명  16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTLPH1645GQLR 데이터시트(HTML) 11 Page - Texas Instruments

Back Button SN74GTLPH1645GQLR Datasheet HTML 7Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 8Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 9Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 10Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 11Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 12Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 13Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 14Page - Texas Instruments SN74GTLPH1645GQLR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
Distributed-Load Backplane Switching Characteristics
0.25”
Drvr
1.5 V
0.25”
1”
1”
1”
1.5 V
1”
1”
1”
Rcvr
Rcvr
Rcvr
Slot 1
Slot 2
Slot 19
Slot 20
Conn.
Conn.
Conn.
Conn.
ZO = 50 Ω
From Output
Under Test
Test
Point
1.5 V
CL = 18 pF
11
LL = 14 nH
SN74GTLPH1645
16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SCES290D – OCTOBER 1999 – REVISED JUNE 2005
The preceding switching characteristics table shows the switching characteristics of the device into a lumped
load (Figure 1). However, the designer's backplane application probably is a distributed load. The physical
representation is shown in Figure 2. This backplane, or distributed load, can be approximated closely to a
resistor inductance capacitance (RLC) circuit, as shown in Figure 3. This device has been designed for optimum
performance in this RLC circuit. The following switching characteristics table shows the switching characteristics
of the device into the RLC load, to help the designer better understand the performance of the GTLP device in
this typical backplane. See www.ti.com/sc/gtlp for more information.
Figure 2. High-Drive Test Backplane
Figure 3. High-Drive RLC Network
11


유사한 부품 번호 - SN74GTLPH1645GQLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH1645GQLR TI-SN74GTLPH1645GQLR Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
More results

유사한 설명 - SN74GTLPH1645GQLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74GTLPH1645 TI-SN74GTLPH1645 Datasheet
259Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1655 TI-SN74GTLPH1655 Datasheet
173Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH3245 TI1-SN74GTLPH3245 Datasheet
435Kb / 19P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER
SN74GTLPH1612 TI-SN74GTLPH1612 Datasheet
157Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLP1395PWRG4 TI1-SN74GTLP1395PWRG4 Datasheet
917Kb / 24P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS
logo
Fairchild Semiconductor
GTLP16T1655 FAIRCHILD-GTLP16T1655 Datasheet
107Kb / 14P
   16-Bit LVTTL/GTLP Universal Bus Transceiver
logo
Texas Instruments
SN74GTLPH1616 TI1-SN74GTLPH1616 Datasheet
351Kb / 18P
[Old version datasheet]   17-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com