전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC101S101 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC101S101
상세설명  DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC101S101 데이터시트(HTML) 7 Page - Texas Instruments

Back Button DAC101S101 Datasheet HTML 3Page - Texas Instruments DAC101S101 Datasheet HTML 4Page - Texas Instruments DAC101S101 Datasheet HTML 5Page - Texas Instruments DAC101S101 Datasheet HTML 6Page - Texas Instruments DAC101S101 Datasheet HTML 7Page - Texas Instruments DAC101S101 Datasheet HTML 8Page - Texas Instruments DAC101S101 Datasheet HTML 9Page - Texas Instruments DAC101S101 Datasheet HTML 10Page - Texas Instruments DAC101S101 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
DAC101S101, DAC101S101-Q1
www.ti.com
SNAS321G – JUNE 2005 – REVISED APRIL 2016
Product Folder Links: DAC101S101 DAC101S101-Q1
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
The following specifications apply for VA = +2.7 V to +5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 12 to 1011, TA = 25°C, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP (1)
MAX (1)
UNIT
LOGIC INPUT
IIN
Input current (2)
DAC101S101: –40°C
≤ TA ≤ +105°C, DAC101S101Q:
–40°C
≤ TA ≤ +125°C
–1
1
µA
VIL
Input low voltage (2)
VA = 5 V, DAC101S101: –40°C ≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
0.8
V
VA = 3 V, DAC101S101: –40°C ≤ TA ≤ +105°C,
DAC101S101Q:
−40°C ≤ TA ≤ +125°C
0.5
V
VIH
Input high voltage (2)
VA = 5 V, DAC101S101: –40°C ≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
2.4
V
VA = 3 V, DAC101S101: –40°C ≤ TA ≤ +105°C,
DAC101S101Q: –40°C
≤ TA ≤ +125°C
2.1
V
CIN
Input capacitance (2)
DAC101S101: –40°C
≤ TA ≤ +105°C, DAC101S101Q:
–40°C
≤ TA ≤ +125°C
3
pF
POWER REQUIREMENTS
IA
Supply current
(output unloaded)
Normal Mode
fSCLK = 30
MHz
VA = 5.5 V
256
µA
DAC101S101: –40°C
≤ TA ≤ +105°C,
DAC101S101Q:
–40°C
≤ TA ≤ +125°C
332
VA = 3.6 V
174
µA
DAC101S101:
−40°C
≤ TA ≤ +105°C,
DAC101S101Q:
−40°C ≤ TA ≤ +125°C
226
Normal Mode
fSCLK = 20
MHz
VA = 5.5 V
221
µA
DAC101S101:
−40°C
≤ TA ≤ +105°C,
DAC101S101Q:
−40°C ≤ TA ≤ +125°C
297
VA = 3.6 V
154
µA
DAC101S101:
−40°C
≤ TA ≤ +105°C,
DAC101S101Q:
−40°C ≤ TA ≤ +125°C
207
Normal Mode
fSCLK = 0
VA = 5.5 V
145
µA
VA = 3.6 V
113
All PD
Modes,
fSCLK = 30
MHz
VA = 5 V
83
µA
VA = 3 V
42
All PD
Modes,
fSCLK = 20
MHz
VA = 5 V
56
µA
VA = 3 V
28
All PD
Modes,
fSCLK = 0
(2)
VA = 5.5 V
0.06
µA
DAC101S101:
−40°C
≤ TA ≤ +105°C,
DAC101S101Q:
−40°C ≤ TA ≤ +125°C
1
VA = 3.6 V
0.04
µA
DAC101S101:
−40°C
≤ TA ≤ +105°C,
DAC101S101Q:
−40°C ≤ TA ≤ +125°C
1


유사한 부품 번호 - DAC101S101

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMK NSC-DAC101S101CIMK Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMKX NSC-DAC101S101CIMKX Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMM NSC-DAC101S101CIMM Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101CIMMX NSC-DAC101S101CIMMX Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

유사한 설명 - DAC101S101

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121S101 TI1-DAC121S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC081C081 TI1-DAC081C081 Datasheet
1Mb / 41P
[Old version datasheet]   8-Bit Micro Power Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com