전자부품 데이터시트 검색엔진 |
|
DAC1208 데이터시트(PDF) 10 Page - Texas Instruments |
|
DAC1208 데이터시트(HTML) 10 Page - Texas Instruments |
10 / 20 page Application Hints (Continued) cations where the DAC is used in a continuous feedback control loop and is driven by a binary updown counter or in function generation circuits where a ROM is continuously providing DAC data Only the DAC1208 DAC1209 DAC1210 devices can have all 12 inputs flow-through Simply grounding CS WR1 WR2 and XFER and tying Byte 1Byte 2 high allows both internal registers to follow the applied digital inputs (flow-through) and directly affect the DAC analog output 17 Address Decoding Tips It is possible to map the MICRO-DACs into system ROM space to allow more efficient use of existing address decod- ing hardware The DAC in effect can share the same ad- dresses of any number of ROM locations The ROM outputs will only be enabled by a READ of its address (gated by the system READ strobe) and the DAC will only accept data that is written to the same address (gated by the system WRITE strobe) The Byte 1Byte 2 control function can easily be generated by the processor’s least significant address bit (A0) by plac- ing the DAC at two consecutive address locations and utiliz- ing double-byte WRITE instructions which automatically in- crement or decrement the address The CS and XFER sig- nals can then be decoded from the remaining address bits Care must be taken in selecting the actual address used for Byte 1 of the DAC to prevent a carry (as a result of incrementing the address for Byte 2) from propagating through the address word and changing any of the bits de- coded for CS or XFER Figure 5 shows how to prevent this effect The same problem can occur from a borrow when an auto- decremented address is used but only if the processor’s address outputs are inverted before being decoded 18 Control Signal Timing When interfacing these MICRO-DACs to any microproces- sor there are two important time relationships that must be considered to insure proper operation The first is the mini- mum WR strobe pulse width which is specified as 320 ns for VCCe114V to 1575V and operation over temperature but typically a pulse width of only 250 ns is adequate A second consideration is that the guaranteed minimum data hold time of 90 ns should be met or erroneous data can be latched This hold time is defined as the length of time data must be held valid on the digital inputs after a qualified (via CS)WR strobe makes a low to high transition to latch the applied data If the controlling device or system does not inherently meet these timing specs the DAC can be treated as a slow mem- ory or peripheral and utilize a technique to extend the write strobe A simple extension of the write time by adding a wait state can simultaneously hold the write strobe active and data valid on the bus to satisfy the minimum WR pulse Write Address Bits Cycle 15 2 1 0 First 01 (Byte 1) Decoded to Second Address DAC 1 0 (Byte 2) Starting with a 0 prevents a carry on address incrementing Used as Byte 1Byte2 Control FIGURE 5 TLH5690-12 FIGURE 6 Accommodating a High Speed System X Y 9 |
유사한 부품 번호 - DAC1208_11 |
|
유사한 설명 - DAC1208_11 |