전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC121S101QML 데이터시트(PDF) 4 Page - Texas Instruments

부품명 DAC121S101QML
상세설명  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101QML 데이터시트(HTML) 4 Page - Texas Instruments

  DAC121S101QML_16 Datasheet HTML 1Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 2Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 3Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 4Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 5Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 6Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 7Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 8Page - Texas Instruments DAC121S101QML_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DAC121S101QML
SNAS410E – MAY 2008 – REVISED MARCH 2013
www.ti.com
DAC121S101 Electrical Characteristics DC Parameters
The following specifications apply for VA = +2.7 V to +5.5 V, RL = ∞, CL = 200 pF to GND, fSCLK = 20 MHz, input code range
48 to 4047. Boldface limits apply for TMIN ≤ TA ≤ TMAX: all other limits TA = 25°C, unless otherwise specified.
Sub-
Parameter
Test Conditions
Notes
Typical(1)
Min
Max
Units
groups
STATIC PERFORMANCE
Resolution
See(2)
12
Bits
Monotonicity
See(2)
12
Bits
Over Decimal codes 48 to
INL
Integral Non-Linearity
±2.75
−8.0
8.0
LSB
1, 2, 3
4047
+0.21
+1.0
LSB
1, 2, 3
DNL
Differential Non-Linearity
VA = 2.7 V to 5.5 V
−0.10
−0.7
LSB
1, 2, 3
ZE
Zero Code Error
IOUT = 0
+2.12
+15
mV
1, 2, 3
FSE
Full-Scale Error
IOUT = 0
−0.04
−1.0
%FSR
1, 2, 3
All ones Loaded to DAC
GE
Gain Error
−0.11
±1.0
%FSR
1, 2, 3
register
ZCED
Zero Code Error Drift
See(2)
−20
µV/°C
VA = 3 V
−0.7
ppm/°C
TC GE
Gain Error Tempco
See(2)
VA = 5 V
−1.0
ppm/°C
OUTPUT CHARACTERISTICS
IPD SINK
Vout Pin in Powerdown Mode All PD Modes
See(2)
1.0
mA
Output Voltage Range
See(2)
0
VA
V
VA = 3 V, IOUT = 10 µA
2.0
6
mV
1, 2, 3
VA = 3 V, IOUT = 100 µA
4
10
mV
1, 2, 3
ZCO
Zero Code Output
VA = 5 V, IOUT = 10 µA
2
8
mV
1, 2, 3
VA = 5 V, IOUT = 100 µA
4
9
mV
1, 2, 3
VA = 3 V, IOUT = 10 µA
2.997
2.990
V
1, 2, 3
VA = 3 V, IOUT = 100 µA
2.991
2.985
V
1, 2, 3
FSO
Full Scale Output
VA = 5 V, IOUT = 10 µA
4.994
4.985
V
1, 2, 3
VA = 5 V, IOUT = 100 µA
4.992
4.985
V
1, 2, 3
RL = ∞
1500
pF
Maximum Load Capacitance
See(2)
RL = 2 kΩ
1500
pF
DC Output Impedance
8
16
1, 2, 3
(1)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(2)
This parameter is guaranteed by design and/or characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DAC121S101QML


유사한 부품 번호 - DAC121S101QML_16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

유사한 설명 - DAC121S101QML_16

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com