전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC121S101WGRLV 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC121S101WGRLV
상세설명  DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101WGRLV 데이터시트(HTML) 2 Page - Texas Instruments

  DAC121S101WGRLV Datasheet HTML 1Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 2Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 3Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 4Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 5Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 6Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 7Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 8Page - Texas Instruments DAC121S101WGRLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
POWER-ON
RESET
DAC
REGISTER
INPUT
CONTROL
LOGIC
12-BIT DAC
12
12
POWER-DOWN
CONTROL
LOGIC
BUFFER
5k
100k
SCLK
DIN
SYNC
REF(+) REF(-)
VA
GND
DAC121S101
VOUT
DAC121S101QML
SNAS410E – MAY 2008 – REVISED MARCH 2013
www.ti.com
Block Diagram
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage, VA
6.5 V
Voltage on any Input Pin
−0.3 V to (VA + 0.3 V)
Input Current at Any Pin(3)
10 mA
Maximum Output Current(4)
10 mA
VOUT Pin in Powerdown Mode
1.0 mA
Package Input Current(3)
20 mA
Power Dissipation at TA = 25°C
See(5)
Maximum Junction Temperature
175°C
Lead Temperature
CLGA package
(Soldering 10 Seconds)
260°C
Storage Temperature
−65°C to +150°C
Package Weight (Typical)
CLGA package
220 mg
ESD Tolerance(6)
Class 3A (5000 V)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see
the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics
may degrade when the device is not operated under the listed test conditions.
(2)
All voltages are measured with respect to GND = 0 V, unless otherwise specified
(3)
When the input voltage at any pin exceeds the power supplies (that is, less than GND, or greater than VA), the current at that pin should
be limited to 10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of 10 mA to two.
(4)
Maximum Output Current may not exceed 10 mA. At VDD = 5.5 V the minimum external resistive load can be no less than 550 Ω, (360
Ω at VDD = 3.6 V).
(5)
The absolute maximum junction temperature (TJmax) for this device is 175°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA) / θJA. The values for maximum power dissipation will be reached only when the device is operated in a severe
fault condition (e.g., when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Obviously, such conditions should always be avoided.
(6)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through ZERO
Ohms.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DAC121S101QML


유사한 부품 번호 - DAC121S101WGRLV

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101WGRQV NSC-DAC121S101WGRQV Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

유사한 설명 - DAC121S101WGRLV

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
   12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com