전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH16901DGGRG4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 74LVCH16901DGGRG4
상세설명  18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16901DGGRG4 데이터시트(HTML) 4 Page - Texas Instruments

  74LVCH16901DGGRG4 Datasheet HTML 1Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 2Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16901DGGRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.ti.com
A-Port
Parity
Generate
and
Check
B Data
B-Port
Parity
Generate
and
Check
A Data
18-Bit
Storage
18-Bit
Storage
18
18
18
18
2
2
LEAB
1CLKENAB
2CLKENAB
CLKAB
OEAB
1A1-1A8
1APAR
1ERRB
2A1-2A8
2APAR
2ERRB
ODD/EVEN
SEL
OEBA
1B1-1B8
1BPAR
1ERRA
2B1-2B8
2BPAR
2ERRA
1CLKENBA
2CLKENBA
CLKBA
LEBA
QA
QB
Absolute Maximum Ratings
(1)
SN74LVCH16901
18-BIT UNIVERSAL BUS TRANSCEIVER
WITH PARITY GENERATORS/CHECKERS
SCES145C – OCTOBER 1998 – REVISED JUNE 2005
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
θ
JA
Package thermal impedance(4)
55
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
4
Not Recommended For New Designs


유사한 부품 번호 - 74LVCH16901DGGRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74LVCH16952ADGGRE4 TI1-74LVCH16952ADGGRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGGRG4 TI1-74LVCH16952ADGGRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRE4 TI1-74LVCH16952ADGVRE4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADGVRG4 TI1-74LVCH16952ADGVRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
74LVCH16952ADLRG4 TI1-74LVCH16952ADLRG4 Datasheet
351Kb / 14P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER
More results

유사한 설명 - 74LVCH16901DGGRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVC16901 TI1-SN74ALVC16901 Datasheet
169Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74LVCH16901 TI-SN74LVCH16901 Datasheet
155Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901DGGR TI-SN74ALVCH16901DGGR Datasheet
368Kb / 14P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
SN74ALVCH16901 TI-SN74ALVCH16901 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS/CHECKERS
logo
Integrated Device Techn...
IDT74ALVCH16901 IDT-IDT74ALVCH16901 Datasheet
80Kb / 9P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH PARITY GENERATORS / CHECKERS AND BUS-HOLD
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com