전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74SSTVF16859 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74SSTVF16859
상세설명  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTVF16859 데이터시트(HTML) 6 Page - Texas Instruments

Back Button SN74SSTVF16859 Datasheet HTML 2Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 3Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 4Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 5Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 6Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 7Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 8Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 9Page - Texas Instruments SN74SSTVF16859 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN74SSTVF16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES429B − MARCH 2003 − REVISED FEBRUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics for TSSOP over recommended operating free-air temperature range
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
UNIT
fmax
500
MHz
tpd‡
CLK and CLK
Q
1.1
2.5
ns
tPHL
RESET
Q
5
ns
† For this test condition, VDDQ always is equal to VCC.
‡ Single-bit switching
switching characteristics for QFN over recommended operating free-air temperature range
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 2.5 V
± 0.2 V†
VCC = 2.6 V
± 0.1 V†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
500
500
MHz
tpd‡
CLK and CLK
Q
1.1
2.5
1.1
2.2
ns
tPHL
RESET
Q
5
5
ns
† For this test condition, VDDQ always is equal to VCC.
‡ Single-bit switching
output slew rates over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 1)
PARAMETER
FROM
TO
VCC = 2.5 V
± 0.2 V†
VCC = 2.6 V
± 0.1 V†
UNIT
PARAMETER
FROM
TO
MIN
MAX
MIN
MAX
UNIT
dV/dt_r
20%
80%
1
4
1
4
V/ns
dV/dt_f
80%
20%
1
4
1
4
V/ns
dV/dt_
Ƥ
20% or 80%
80% or 20%
1
1
V/ns
† For this test condition, VDDQ always is equal to VCC.
§ Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate).


유사한 부품 번호 - SN74SSTVF16859

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859G4R TI-SN74SSTVF16859G4R Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859G4R TI1-SN74SSTVF16859G4R Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859GR TI-SN74SSTVF16859GR Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

유사한 설명 - SN74SSTVF16859

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_17 Datasheet
878Kb / 15P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com