전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7512N-250G4 데이터시트(PDF) 5 Page - Texas Instruments

부품명 DAC7512N-250G4
상세설명  Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7512N-250G4 데이터시트(HTML) 5 Page - Texas Instruments

  DAC7512N-250G4 Datasheet HTML 1Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 2Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 3Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 4Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 5Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 6Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 7Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 8Page - Texas Instruments DAC7512N-250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DAC7512
5
SBAS156B
www.ti.com
TYPICAL CHARACTERISTICS: VDD = +5V
At TA = +25°C, +VDD = +5V, unless otherwise noted.
ZERO-SCALE ERROR vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
30
20
10
0
–10
–20
–30
FULL-SCALE ERROR vs TEMPERATURE
–40
Temperature (
°C)
0
40
80
120
30
20
10
0
–10
–20
–30
TYPICAL TOTAL UNADJUSTED ERROR
0
CODE
200
H
400
H
600
H
800
H
A00
H
C00
H
E00
H
FFF
H
16
8
0
–8
–16
16.0
12.0
8.0
4.0
0.0
–4.0
–8.0
–12.0
–16.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(–40
°C)
0
200
H
400
H
600
H
800
H
CODE
A00
H
C00
H
E00
H
FFF
H
1.0
0.5
0.0
–0.5
–1.0
16.0
12.0
8.0
4.0
0.0
–4.0
–8.0
–12.0
–16.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(+25
°C)
0
200
H
400
H
600
H
800
H
CODE
A00
H
C00
H
E00
H
FFF
H
1.0
0.5
0.0
–0.5
–1.0
16.0
12.0
8.0
4.0
0.0
–4.0
–8.0
–12.0
–16.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(+105
°C)
0
200
H
400
H
600
H
800
H
CODE
A00
H
C00
H
E00
H
FFF
H
1.0
0.5
0.0
–0.5
–1.0


유사한 부품 번호 - DAC7512N-250G4

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC7512N BURR-BROWN-DAC7512N Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/250 BURR-BROWN-DAC7512N/250 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/250G4 BURR-BROWN-DAC7512N/250G4 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/3K BURR-BROWN-DAC7512N/3K Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512N/3KG4 BURR-BROWN-DAC7512N/3KG4 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

유사한 설명 - DAC7512N-250G4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
logo
Burr-Brown (TI)
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Maxim Integrated Produc...
MAX5712 MAXIM-MAX5712 Datasheet
428Kb / 9P
   12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com