전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LX1G04CTR 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 74LX1G04CTR
상세설명  LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G04CTR 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button 74LX1G04CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 9Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 10Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 11Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 12Page - STMicroelectronics 74LX1G04CTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
74LX1G04
10/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
180
7.086
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N
60
2.362
T
14.4
0.567
Ao
3.13
3.23
3.33
0.123
0.127
0.131
Bo
3.07
3.17
3.27
0.120
0.124
0.128
Ko
1.27
1.37
1.47
0.050
0.054
0.0.58
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
3.9
4.0
4.1
0.153
0.157
0.161
Tape & Reel SOT23-xL MECHANICAL DATA


유사한 부품 번호 - 74LX1G04CTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LX1G00 STMICROELECTRONICS-74LX1G00 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00CTR STMICROELECTRONICS-74LX1G00CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G00STR STMICROELECTRONICS-74LX1G00STR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NAND GATE
October 2002
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
74LX1G02CTR STMICROELECTRONICS-74LX1G02CTR Datasheet
200Kb / 10P
   SINGLE 2-INPUT NOR GATE
More results

유사한 설명 - 74LX1G04CTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LX1GU04 STMICROELECTRONICS-74LX1GU04 Datasheet
115Kb / 10P
   LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT
74LX1G14 STMICROELECTRONICS-74LX1G14 Datasheet
205Kb / 11P
   LOW VOLTAGE CMOS SINGLE SCHMITT INVERTER WITH 5V TOLERANT INPUT
74LCXU04 STMICROELECTRONICS-74LCXU04_06 Datasheet
221Kb / 15P
   Low voltage CMOS HEX inverter (single stage) with 5V tolerant inputs
74LVXU04 STMICROELECTRONICS-74LVXU04 Datasheet
203Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LCXU04 STMICROELECTRONICS-74LCXU04 Datasheet
204Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER(SINGLE STAGE) WITH 5V TOLERANT INPUTS
74LVX04 STMICROELECTRONICS-74LVX04_04 Datasheet
225Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
74LCX04 STMICROELECTRONICS-74LCX04 Datasheet
239Kb / 15P
   Low voltage CMOS HEX inverter with 5V tolerant inputs
74LVX04 STMICROELECTRONICS-74LVX04 Datasheet
161Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
July 2001
74LCX04MTR STMICROELECTRONICS-74LCX04MTR Datasheet
164Kb / 8P
   LOW VOLTAGE CMOS HEX INVERTER WITH 5V TOLERANT INPUTS
September 2001
74LX1G08 STMICROELECTRONICS-74LX1G08 Datasheet
200Kb / 10P
   LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT
October 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com