전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC60004IPWR 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC60004IPWR
상세설명  Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC60004IPWR 데이터시트(HTML) 6 Page - Texas Instruments

Back Button DAC60004IPWR Datasheet HTML 2Page - Texas Instruments DAC60004IPWR Datasheet HTML 3Page - Texas Instruments DAC60004IPWR Datasheet HTML 4Page - Texas Instruments DAC60004IPWR Datasheet HTML 5Page - Texas Instruments DAC60004IPWR Datasheet HTML 6Page - Texas Instruments DAC60004IPWR Datasheet HTML 7Page - Texas Instruments DAC60004IPWR Datasheet HTML 8Page - Texas Instruments DAC60004IPWR Datasheet HTML 9Page - Texas Instruments DAC60004IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
DAC80004, DAC70004, DAC60004
SLASED6B – APRIL 2016 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC80004 DAC70004 DAC60004
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
All minimum/maximum specifications at TA = -40°C to +125°C, 2.7 V ≤ VDD ≤ 5.5 V, 2.5 V ≤ REFIN
(1) ≤ VDD, R
load = 5 kΩ to
GND, Cload = 200 pF to GND (unless otherwise noted), Digital inputs held at 0 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
Time to exit power-down mode into normal mode. Measured from 32nd falling edge SCLK to 90% of DAC final value, Characterized at
mid scale.
DYNAMIC PERFORMANCE
Output voltage settling time
¼ to ¾ scale and ¾ to ¼ scale
settling to ±1 LSB, RL = 5 kΩ, Cload
= 200 pF to GND
5.8
8
µs
Slew rate
1.5
V/µs
Power-up time(5)
100
µs
Power-on glitch energy
Supply slew rate <5 V/msec
8
mV
Power-off glitch energy
DAC in power down mode (1 k
Ω-
GND), Supply slew rate <5 V/msec
7
mV
Output noise
0.1 Hz to 10 Hz
5
µVpp
100 kHz BW
100
µVRMS
Output noise density
Measured at 1 kHz
60
nV/
√Hz
Measured at 10 kHz
55
THD
Total harmonic distortion
REFIN = 3 V ± 0.2 Vpp, Frequency =
10 kHz, DAC at mid scale, specified
by design
–80
dB
PSRR
AC power supply rejection ratio
200 mV 50 Hz and 60 Hz sine wave
superimposed on power supply
voltage (AC analysis)
-90
dB
Code change glitch impulse
1 LSB change around major carry,
Software LDAC mode
1
nV-s
Channel-to-channel AC (analog)
crosstalk
Full-scale swing on adjacent
channel, Hardware LDAC mode
1
nV-s
Channel-to-channel DC crosstalk
Full-scale swing on adjacent
channels, Measured channel at zero
scale
1
LSB
Full-scale swing on all channel,
Measured channel at zero scale
1
Digital crosstalk
DAC code mid scale, Adjacent input
buffer change from 0000h to FFFFh
or vice versa
0.2
nV-S
Reference feedthrough
REFIN = 3 V ± 0.86 Vpp, Frequency
= 100 Hz to 100 kHz, DAC at zero
scale
–85
dB
Digital feedthrough
At SCLK = 1 MHz, DAC output static
at mid scale
0.2
nV-s
OUTPUT CHARACTERISTICS
Voltage range
0
VDD
V
Headroom
Output loaded 5 k
Ω, DAC code
FFFFh
0.1
V
Output loaded 0.5 k
Ω, DAC code
FFFFh
10
%FSR
RL
Resistive load
0.5
k
Ω
CL
Capacitive load
RL = ∞
1
nF
RL = 5 kΩ
2
RO
DC output impedance
Normal mode
0.5
Ω
Power down with 100 k
Ω network
100
k
Ω
Power down with 1 k
Ω network
1
k
Ω
Short circuit current
36
mA


유사한 부품 번호 - DAC60004IPWR

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60096 TI1-DAC60096 Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
DAC60096IZEB TI1-DAC60096IZEB Datasheet
2Mb / 51P
[Old version datasheet]   96-Channel, 12-Bit, Low-Power, Serial-Input, High-Voltage Output DAC
More results

유사한 설명 - DAC60004IPWR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
[Old version datasheet]   16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
[Old version datasheet]   DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
   8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
logo
Analog Devices
AD7676 AD-AD7676_17 Datasheet
389Kb / 21P
   16-Bit, 1 LSB INL
logo
Microchip Technology
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
   8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
logo
Analog Devices
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com