전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE8503 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 MJE8503
상세설명  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJE8503 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  MJE8503 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJE8503 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
MJE8503
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC=100mA ; IB=0
800
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 2.5A; IB= 1A
IC= 2.5A; IB= 1A,TC=100℃
2.0
3.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 2A
5.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 1A
IC= 2.5A; IB= 1A,TC=100℃
1.5
1.5
V
ICEV
Collector Cutoff Current
VCEV=1400V;VBE(off)=1.5V
VCEV=1400V;VBE(off)=1.5V;TC=100℃
0.25
5.0
mA
ICER
Collector Cutoff Current
VCE= 1400V; RBE= 50Ω,TC= 100℃
5.0
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC=0
1.0
mA
hFE
DC Current Gain
IC= 1A ; VCE= 5V
7.5
COB
Output Capacitance
IE= 0; VCB= 10V; ftest=1.0kHz
60
300
pF
Switching times;Resistive Load
td
Delay Time
IC= 2.5A , VCC= 500V, VBE(off)= 5V
IB1= 1A; tp= 50μs
Duty Cycle≤2.0%
40
200
ns
tr
Rise Time
125
2000
ns
ts
Storage Time
1200
4000
ns
tf
Fall Time
650
2000
ns


유사한 부품 번호 - MJE8503

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJE8503 MOTOROLA-MJE8503 Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
logo
New Jersey Semi-Conduct...
MJE8503 NJSEMI-MJE8503 Datasheet
92Kb / 2P
   SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
MJE8503A MOTOROLA-MJE8503A Datasheet
89Kb / 4P
   POWER TRANSISTORS 5.0 AMPERES 1500 VOLTS - BVCES 80 WATTS
More results

유사한 설명 - MJE8503

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com