전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74FCT821AEN 데이터시트(PDF) 1 Page - Texas Instruments

부품명 CD74FCT821AEN
상세설명  BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT821AEN 데이터시트(HTML) 1 Page - Texas Instruments

  CD74FCT821AEN Datasheet HTML 1Page - Texas Instruments CD74FCT821AEN Datasheet HTML 2Page - Texas Instruments CD74FCT821AEN Datasheet HTML 3Page - Texas Instruments CD74FCT821AEN Datasheet HTML 4Page - Texas Instruments CD74FCT821AEN Datasheet HTML 5Page - Texas Instruments CD74FCT821AEN Datasheet HTML 6Page - Texas Instruments CD74FCT821AEN Datasheet HTML 7Page - Texas Instruments CD74FCT821AEN Datasheet HTML 8Page - Texas Instruments CD74FCT821AEN Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CD74FCT821A
BiCMOS 10-BIT BUS-INTERFACE FLIP-FLOP
WITH 3-STATE OUTPUTS
SCBS731 − JULY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Noninverted Outputs
D Input/Output Isolation From V
CC
D Controlled Output Edge Rates
D 48-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Provide Extra Data Width Necessary for
Wider Address/Data Paths or Buses With
Parity
D Outputs Have Undershoot-Protection
Circuitry
D Buffered Control Inputs Reduce dc Loading
Effects
D Package Options Include Plastic
Small-Outline (M) Package and Standard
Plastic (EN) DIP
description
The CD74FCT821A is a 10-bit flip-flop that features 3-state outputs designed specifically for driving highly
capacitive or relatively low-impedance loads. It is particularly suitable for implementing wider buffer registers,
I/O ports, bidirectional bus drivers with parity, and working registers.
This device uses a small-geometry BiCMOS technology. The output stage is a combination of bipolar and
CMOS transistors that limits the output high level to two diode drops below VCC. This resultant lowering of output
swing (0 V to 3.7 V) reduces power-bus ringing [a source of electromagnetic interference (EMI)] and minimizes
VCC bounce and ground bounce and their effects during simultaneous output switching. The output
configuration also enhances switching speed and is capable of sinking 48 mA.
The flip-flops enter data into their registers on the low-to-high transition of the clock (CLK). The Q outputs are
noninverted data. The output-enable (OE) input controls the 3-state outputs and is independent of register
operation. When OE is high, the outputs are in the high-impedance state.
The CD74FCT821A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
OE
CLK
D
OUTPUT
Q
L
H
H
L
LL
L
LX
Q0
H
X
X
Z
EN OR M PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
1D
2D
3D
4D
5D
6D
7D
8D
9D
10D
GND
VCC
1Q
2Q
3Q
4Q
5Q
6Q
7Q
8Q
9Q
10Q
CLK
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


유사한 부품 번호 - CD74FCT821AEN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74FCT821AEN TI-CD74FCT821AEN Datasheet
40Kb / 7P
[Old version datasheet]   BiCMOS FCT Interface Logic, 10- Bit D-Type Flip-Flops, Three-State
More results

유사한 설명 - CD74FCT821AEN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A_08 Datasheet
466Kb / 16P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI1-SN74LVC821A_15 Datasheet
629Kb / 17P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC821A TI-SN74LVC821A Datasheet
139Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29822 TI1-SN74BCT29822 Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
   18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
[Old version datasheet]   18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com