전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC318ADLR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CDC318ADLR
상세설명  1Line to 10Line Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDC318ADLR 데이터시트(HTML) 5 Page - Texas Instruments

  CDC318ADLR Datasheet HTML 1Page - Texas Instruments CDC318ADLR Datasheet HTML 2Page - Texas Instruments CDC318ADLR Datasheet HTML 3Page - Texas Instruments CDC318ADLR Datasheet HTML 4Page - Texas Instruments CDC318ADLR Datasheet HTML 5Page - Texas Instruments CDC318ADLR Datasheet HTML 6Page - Texas Instruments CDC318ADLR Datasheet HTML 7Page - Texas Instruments CDC318ADLR Datasheet HTML 8Page - Texas Instruments CDC318ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CDC318A
1LINE TO 18LINE CLOCK DRIVER
WITH I2C CONTROL INTERFACE
SCAS614A − SEPTEMBER 1998 − REVISED JUNE 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (SCLOCK, SDATA) (see Note 1)
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (SDATA) (see Note 1)
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
−0.5 V to VCC +0.5 V
. . . . . . . . . . . . .
Current into any output in the low state (except SDATA), IO
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into SDATA in the low state, IO
12 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0) (SCLOCK)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0) (SDATA)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3)
84
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages,
which use a trace length of zero. The absolute maximum power dissipation allowed at TA = 55°C (in still air) is 1.2 W.
3. Thermal impedance (
ΘJA) can be considerably lower if the device is soldered on the PCB board with a copper layer underneath the
package. A simulation on a PCB board (3 in.
× 3 in.) with two internal copper planes (1 oz. cu, 0.036 mm thick) and 0.071 mm cu
(202) in area underneath the package, resulted in
ΘJA = 60°C/W. This would allow 1.2 W total power dissipation at TA = 70°C.
recommended operating conditions (see Note 4)
MIN
TYP
MAX
UNIT
VCC
3.3-V core supply voltage
3.135
3.465
V
A, OE
2
VCC+0.3
V
VIH
High-level input voltage
SDATA, SCLOCK
(see Note 3)
2.2
5.5
V
A, OE
−0.3
0.8
V
VIL
Low-level input voltage
SDATA, SCLOCK
(see Note 3)
0
1.04
V
IOH
High-level output current
Y outputs
−36
mA
IOL
Low-level output current
Y outputs
24
mA
ri
Input resistance to VCC
SDATA, SCLOCK
(see Note 3)
140
k
f(SCL)
SCLOCK frequency
100
kHz
t(BUS)
Bus free time
4.7
µs
tsu(START)
START setup time
4.7
µs
th(START)
START hold time
4
µs
tw(SCLL)
SCLOCK low pulse duration
4.7
µs
tw(SCLH)
SCLOCK high pulse duration
4
µs
tr(SDATA)
SDATA input rise time
1000
ns
tf(SDATA)
SDATA input fall time
300
ns
tsu(SDATA)
SDATA setup time
250
ns
th(SDATA)
SDATA hold time
20
ns
tsu(STOP)
STOP setup time
4
µs
TA
Operating free-air temperature
0
70
°C
NOTE 4: The CMOS-level inputs fall within these limits: VIH min = 0.7 × VCC and VIL max = 0.3 × VCC.


유사한 부품 번호 - CDC318ADLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC318ADL TI-CDC318ADL Datasheet
182Kb / 12P
[Old version datasheet]   1-LINE TO 18-LINE CLOCK DRIVER WITH I2C CONTROL INTERFACE
More results

유사한 설명 - CDC318ADLR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC319 TI1-CDC319_08 Datasheet
361Kb / 15P
[Old version datasheet]   1Line to 10Line Clock Driver
CDC391 TI1-CDC391_09 Datasheet
116Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC340 TI1-CDC340_08 Datasheet
131Kb / 8P
[Old version datasheet]   1Line to 8Line Clock Driver
CDC329A TI1-CDC329A_08 Datasheet
299Kb / 10P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
SN74LVC2G157 TI-SN74LVC2G157 Datasheet
346Kb / 13P
[Old version datasheet]   SINGL 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Fairchild Semiconductor
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
   PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
   PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com