전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC924 데이터시트(PDF) 7 Page - Texas Instruments

부품명 CDC924
상세설명  133Mhz Clock Synthesizer/Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDC924 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDC924_08 Datasheet HTML 3Page - Texas Instruments CDC924_08 Datasheet HTML 4Page - Texas Instruments CDC924_08 Datasheet HTML 5Page - Texas Instruments CDC924_08 Datasheet HTML 6Page - Texas Instruments CDC924_08 Datasheet HTML 7Page - Texas Instruments CDC924_08 Datasheet HTML 8Page - Texas Instruments CDC924_08 Datasheet HTML 9Page - Texas Instruments CDC924_08 Datasheet HTML 10Page - Texas Instruments CDC924_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CDC924
133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3STATE OUTPUTS
SCAS607B − NOVEMBER 1998 − REVISED JULY 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VDD = 3.135 V,
II = −18 mA
−1.2
V
RI
Input resistance
XIN-XOUT
VDD = 3.465 V,
VI = VDD −0.5 V
80
350
k
XOUT
VDD = 3.135 V,
VI = VDD −0.5 V
20
50
mA
IIH
High-level input current
SEL0, SEL1,
CPU_STOP,
PCI_STOP,
SPREAD
VDD = 3.465 V,
VI = VDD
<10
10
µA
PWR_DWN
VDD = 3.465 V,
VI = VDD
<10
10
µA
SEL133/100
VDD = 3.465 V,
VI = VDD
<10
10
µA
XOUT
VDD = 3.135 V,
VO = 0 V
−2
−5
mA
IIL
Low-level input current
SEL0, SEL1,
CPU_STOP,
PCI_STOP,
SPREAD
VDD = 3.465 V,
VI = GND
<10
−10
µA
PWR_DWN
VDD = 3.465 V,
VI = GND
<10
−10
µA
SEL133/100
VDD = 3.465 V,
VI = GND
<10
−10
µA
IOZ
High-impedance-state output current
|VDD| = max,
VO = VDD or GND
±10
µA
VDD = 2.625 V,
All outputs = low
PWR_DWN = low,
<20
100
IDD
Supply current
VDD = 2.625 V,
All outputs = high
VDDx = 2.5 V,
<20
100
µA
IDD
Supply current
VDD = 3.465 V,
All outputs = low
PWR_DWN = low,
<50
200
VDD = 3.465 V,
All outputs = high
12
35
mA
IDD(Z) High-impedance-state supply current
VDD = 2.625 V
1.4
mA
IDD(Z) High-impedance-state supply current
VDD = 3.465 V
28
mA
Dynamic supply current
CL = 20 pF,
VDD = 3.465 V
114
146
mA
Dynamic supply current
CL = 20 pF,
CPU = 133 MHz
VDD = 2.625 V
52
70
mA
CI
Input capacitance
VDD = 3.3 V,
VI = VDD or GND
3.3
5.8
pF
Crystal terminal capacitance
VDD = 3.3 V,
VI = 0.3 V
18
18.5
22.5
pF
† All typical values are measured at their respective nominal VDD values.


유사한 부품 번호 - CDC924_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC924DL TI-CDC924DL Datasheet
250Kb / 18P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

유사한 설명 - CDC924_08

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC922 TI1-CDC922_06 Datasheet
254Kb / 18P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
   General Purpose 133MHz System Clock
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com