전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDC922DL 데이터시트(PDF) 10 Page - Texas Instruments

부품명 CDC922DL
상세설명  133MHz CLOCK SYNTHESIZER/DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDC922DL 데이터시트(HTML) 10 Page - Texas Instruments

Back Button CDC922DL Datasheet HTML 6Page - Texas Instruments CDC922DL Datasheet HTML 7Page - Texas Instruments CDC922DL Datasheet HTML 8Page - Texas Instruments CDC922DL Datasheet HTML 9Page - Texas Instruments CDC922DL Datasheet HTML 10Page - Texas Instruments CDC922DL Datasheet HTML 11Page - Texas Instruments CDC922DL Datasheet HTML 12Page - Texas Instruments CDC922DL Datasheet HTML 13Page - Texas Instruments CDC922DL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CDC922
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
WITH 3-STATE OUTPUTS
SCAS634 –JULY 28, 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = 2.375 V to 2.625 V, TA = 0°C to 85°C (continued)
CPUx
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten1
Output enable time
SEL133/100
CPUx
f(CPU) = 100 or 133MHz
6
10
ns
tdis1
Output disable time
SEL133/100
CPUx
f(CPU) = 100 or 133MHz
8
10
ns
t
CPU clock period†
f(CPU) = 100 MHz
10
10.04
10.2
ns
tc
CPU clock period†
f(CPU) = 133 MHz
7.5
7.53
7.7
ns
Cycle to cycle jitter
f(CPU) = 100 or 133MHz
250
ps
Duty cycle
f(CPU) = 100 or 133MHz
45
55
%
tsk(o) CPU bus skew
CPUx
CPUx
f(CPU) = 100 or 133MHz
50
175
ps
tsk(p) CPU pulse skew
CPUn
CPUn
f(CPU) = 100 or 133MHz
2.2
ns
t(off)
CPU clock to APIC clock offset, rising edge
1.5
2.8
4
ns
t(off)
CPU clock to 3V66 clock offset, rising edge
0
0.75
1.5
ns
t 1
Pulse duration width high
f(CPU) = 100 MHz
2.6
4.3
ns
tw1
Pulse duration width, high
f(CPU) = 133 MHz
1.4
3.7
ns
t 2
Pulse duration width low
f(CPU) = 100 MHz
2.8
4.3
ns
tw2
Pulse duration width, low
f(CPU) = 133 MHz
1.7
4
ns
tr
Rise time
VO = 0.4 V to 2.0 V
0.4
1.5
2.2
ns
tf
Fall time
VO = 0.4 V to 2.0 V
0.4
1.4
2
ns
† The average over any 1-
µs period of time is greater than the minimum specified period.
CPU_DIV2
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ten1
Output enable time
SEL133/100
CPU_DIV2
f(CPU) = 100 or 133MHz
6
10
ns
tdis1
Output disable time
SEL133/100
CPU_DIV2
f(CPU) = 100 or 133MHz
8
10
ns
t
CPU DIV2 clock period†
f(CPU) = 100 MHz
20
20.08
20.4
ns
tc
CPU_DIV2 clock period†
f(CPU) = 133 MHz
15
15.06
15.3
ns
Cycle to cycle jitter
f(CPU) = 100 or 133MHz
250
ps
Duty cycle
f(CPU) = 100 or 133MHz
45
55
%
tsk(p) CPU_DIV2 pulse skew
f(CPU) = 100 or 133MHz
1.6
ns
t 1
Pulse duration width high
f(CPU) = 100 MHz
7.1
ns
tw1
Pulse duration width, high
f(CPU) = 133 MHz
4.7
ns
t 2
Pulse duration width low
f(CPU) = 100 MHz
7.3
8.9
ns
tw2
Pulse duration width, low
f(CPU) = 133 MHz
5
6.6
ns
tr
Rise time
VO = 0.4 V to 2.0 V
0.4
1.4
2
ns
tf
Fall time
VO = 0.4 V to 2.0 V
0.4
1.3
1.8
ns
† The average over any 1-
µs period of time is greater than the minimum specified period.


유사한 부품 번호 - CDC922DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC922DL TI-CDC922DL Datasheet
239Kb / 17P
[Old version datasheet]   133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
More results

유사한 설명 - CDC922DL

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDC924 TI1-CDC924_08 Datasheet
462Kb / 21P
[Old version datasheet]   133Mhz Clock Synthesizer/Driver
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
[Old version datasheet]   133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Integrated Device Techn...
ICS843S104I-133 IDT-ICS843S104I-133 Datasheet
1Mb / 24P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
logo
Renesas Technology Corp
843S104I-133 RENESAS-843S104I-133 Datasheet
645Kb / 25P
   Crystal-to-LVPECL 133MHz Clock Synthesizer
April 28, 2016
logo
Texas Instruments
CDC9842 TI1-CDC9842 Datasheet
105Kb / 7P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER
logo
Winbond
W83194R-KX WINBOND-W83194R-KX Datasheet
177Kb / 13P
   133MHZ 3-DIMM K7 CLOCK
logo
Integrated Circuit Syst...
ICS9248-80 ICST-ICS9248-80 Datasheet
157Kb / 7P
   General Purpose 133MHz System Clock
logo
Renesas Technology Corp
ICS9248-80 RENESAS-ICS9248-80 Datasheet
423Kb / 8P
   General Purpose 133MHz System Clock
2019
logo
Cypress Semiconductor
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
SpectraLinear Inc
CY2254A SPECTRALINEAR-CY2254A Datasheet
111Kb / 7P
   Pentium짰 Processor Compatible Clock Synthesizer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com