전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCF2510PWG4 데이터시트(PDF) 9 Page - Texas Instruments

부품명 CDCF2510PWG4
상세설명  3.3V Phase-Lock Loop Clock Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2510PWG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CDCF2510PWG4 Datasheet HTML 5Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 6Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 7Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 8Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 9Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 10Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 11Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 12Page - Texas Instruments CDCF2510PWG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Sep-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CDCF2510PW
NRND
TSSOP
PW
24
60
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
CDCF2510
CDCF2510PWG4
NRND
TSSOP
PW
24
60
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
CDCF2510
CDCF2510PWR
NRND
TSSOP
PW
24
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
CDCF2510
CDCF2510PWRG4
NRND
TSSOP
PW
24
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
0 to 70
CDCF2510
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.


유사한 부품 번호 - CDCF2510PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCF2510PWG4 TI1-CDCF2510PWG4 Datasheet
476Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results

유사한 설명 - CDCF2510PWG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_15 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510 TI1-CDC2510_15 Datasheet
608Kb / 13P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDC2510B TI1-CDC2510B_15 Datasheet
632Kb / 14P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
logo
Renesas Technology Corp
ICS2510C RENESAS-ICS2510C Datasheet
322Kb / 8P
   3.3V Phase-Lock Loop Clock Driver
2019
logo
Texas Instruments
CDC2510C TI1-CDC2510C_15 Datasheet
687Kb / 17P
[Old version datasheet]   3.3V Phase- Lock Loop Clock Driver
logo
Integrated Device Techn...
IDTCSPF2510C IDT-IDTCSPF2510C Datasheet
69Kb / 8P
   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2510C ICST-ICS2510C Datasheet
247Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2536 TI1-CDC2536_14 Datasheet
490Kb / 15P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS2509C ICST-ICS2509C Datasheet
248Kb / 7P
   3.3V Phase-Lock Loop Clock Driver
logo
Texas Instruments
CDC2509C TI1-CDC2509C_15 Datasheet
696Kb / 17P
[Old version datasheet]   3.3V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com