전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVD110 데이터시트(PDF) 3 Page - Texas Instruments

부품명 CDCLVD110
상세설명  PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD110 데이터시트(HTML) 3 Page - Texas Instruments

  CDCLVD110_12 Datasheet HTML 1Page - Texas Instruments CDCLVD110_12 Datasheet HTML 2Page - Texas Instruments CDCLVD110_12 Datasheet HTML 3Page - Texas Instruments CDCLVD110_12 Datasheet HTML 4Page - Texas Instruments CDCLVD110_12 Datasheet HTML 5Page - Texas Instruments CDCLVD110_12 Datasheet HTML 6Page - Texas Instruments CDCLVD110_12 Datasheet HTML 7Page - Texas Instruments CDCLVD110_12 Datasheet HTML 8Page - Texas Instruments CDCLVD110_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CDCLVD110
SCAS684C – SEPTEMBER 2002 – REVISED JANUARY 2008
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
CK
1
I
Control register input clock, features a 120-k
Ω pullup resistor
SI
2
I
Control register serial input/CLK Select, features a 120-k
Ω pulldown resistor
CLK0
3
I
True differential input, LVDS
CLK0
4
I
Complementary differential input, LVDS
VBB
5
O
Reference voltage output
CLK1
6
I
True differential input, LVDS
CLK1
7
I
Complementary differential input, LVDS
EN
8
I
Control enable (for programmability), features a 120-k
Ω pulldown resistor, input
VSS
9, 25
Device ground
VDD
16, 32
Supply voltage
11, 13, 15, 18, 20, 22,
Q [9:0]
O
Clock outputs, these outputs provide low-skew copies of CLKIN
24, 27, 29, 31
10, 12, 14, 17, 19,
Q[9:0]
O
Complementary clock outputs, these outputs provide low-skew copies of CLKIN
21,23, 26, 28, 30
VALUE
UNIT
VDD
Supply voltage
–0.3 to 2.8
V
VI
Input voltage
–0.2 to (VDD + 0.2)
V
VO
VI Output voltage
–0.2 to (VDD + 0.2)
V
Qn, Qn, IOSD
Driver short circuit current
Continuous
Electrostatic discharge (HBM 1.5 k
Ω, 100 pF), ESD
>2000
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.375
2.5
2.625
V
VIC
Receiver common-mode input voltage
0.5|VID|
VDD – 0.5|VID|
V
TA
Operating free-air temperature
–40
85
°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DRIVER
|VOD|
Differential output voltage
RL = 100Ω
250
450
600
mV
ΔVOD
VOD magnitude change
50
mV
VOS
Offset voltage
–40
°C to 85°C
0.95
1.2
1.45
V
ΔVOS
VOS magnitude change
350
mV
VO = 0 V
–20
IOS
Output short circuit current
mA
|VOD| = 0 V
20
VBB
Reference output voltage
VDD = 2.5 V, IBB = –100 µA
1.15
1.25
1.35
V
CO
Output capacitance
VO = VDD or GND
3
pF
Copyright © 2002–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :CDCLVD110


유사한 부품 번호 - CDCLVD110_12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBR TI-CDCLVD110ARHBR Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBRG4 TI-CDCLVD110ARHBRG4 Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBT TI-CDCLVD110ARHBT Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110ARHBTG4 TI-CDCLVD110ARHBTG4 Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results

유사한 설명 - CDCLVD110_12

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
   1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Motorola, Inc
MPC946 MOTOROLA-MPC946 Datasheet
98Kb / 6P
   LOW VOLTAGE 1:10 CMOS CLOCK DRIVER
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com