전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCLVP110VFR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCLVP110VFR
상세설명  Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP110VFR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CDCLVP110VFR Datasheet HTML 4Page - Texas Instruments CDCLVP110VFR Datasheet HTML 5Page - Texas Instruments CDCLVP110VFR Datasheet HTML 6Page - Texas Instruments CDCLVP110VFR Datasheet HTML 7Page - Texas Instruments CDCLVP110VFR Datasheet HTML 8Page - Texas Instruments CDCLVP110VFR Datasheet HTML 9Page - Texas Instruments CDCLVP110VFR Datasheet HTML 10Page - Texas Instruments CDCLVP110VFR Datasheet HTML 11Page - Texas Instruments CDCLVP110VFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CDCLVP110
SCAS683D – JUNE 2002 – REVISED JANUARY 2011
www.ti.com
REVISION HISTORY
Changes from Revision A (August 2002) to Revision B
Page
Changed PACKAGE THERMAL IMPEDANCE max values ................................................................................................. 3
Deleted IIN test condition ....................................................................................................................................................... 3
Deleted IIN test condition ....................................................................................................................................................... 4
Changes from Revision B (January 2010) to Revision C
Page
Changed LVECL DC spec for VBB (VEE = –3 to –3.8 V) from 3 rows to 1 row and added TYP value. ................................ 3
Changed LVECL DC spec for VBB (VEE = –2.375 to –2.75 V); MIN value from –1.38 V to –1.4 V, MAX from –1.16 V
to –1.1 V, and added TYP value of –1.25 V ......................................................................................................................... 3
Changed LVECL/HSTL DC spec for VBB (VEE = –3 to –3.8 V) from 3 rows to 1 row and added TYP value. ...................... 4
Changed LVECL/HSTL DC spec for VBB (VEE = –2.375 to –2.75 V); MIN value from VCC –1.38 V to VCC –1.4 V; MAX
from VCC –1.16 V to VCC –1.1 V; and added TYP value of VCC –1.25 V .............................................................................. 4
Changes from Revision C (January 2011) to Revision D
Page
Changed VCM spec from VEE+1 to VEE+0.975 ....................................................................................................................... 3
Changed VIC spec from 1 to 0.975 ....................................................................................................................................... 4
8
Submit Documentation Feedback
Copyright © 2002–2011, Texas Instruments Incorporated
Product Folder Link(s) :CDCLVP110


유사한 부품 번호 - CDCLVP110VFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP110VFR TI-CDCLVP110VFR Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
More results

유사한 설명 - CDCLVP110VFR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
[Old version datasheet]   Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Cypress Semiconductor
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
   1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
   Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com