전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7495BRM 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7495BRM
상세설명  1 MSPS, 12-Bit ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7495BRM 데이터시트(HTML) 3 Page - Analog Devices

  AD7495BRM Datasheet HTML 1Page - Analog Devices AD7495BRM Datasheet HTML 2Page - Analog Devices AD7495BRM Datasheet HTML 3Page - Analog Devices AD7495BRM Datasheet HTML 4Page - Analog Devices AD7495BRM Datasheet HTML 5Page - Analog Devices AD7495BRM Datasheet HTML 6Page - Analog Devices AD7495BRM Datasheet HTML 7Page - Analog Devices AD7495BRM Datasheet HTML 8Page - Analog Devices AD7495BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
AD7475/AD7495
AD7475–SPECIFICATIONS (continued)
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
(continued)
Power Dissipation
3
Normal Mode (Operational)
10.5
10.5
mW max
VDD = 5 V. fSAMPLE = 1 MSPS
4.5
4.5
mW max
VDD = 3 V. fSAMPLE = 1 MSPS
Partial Power-Down (Static)
500
500
W max
VDD = 5 V
300
300
W max
VDD = 3 V
Full Power-Down
5
5
W max
VDD = 5 V
33
W max
VDD = 3 V
NOTES
1Temperature ranges as follows: A, B Versions: –40 C to +85 C.
2Sample tested @ 25 C to ensure compliance.
3See Power Versus Throughput Rate section.
Specifications subject to change without notice.
(VDD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, fSCLK = 20 MHz unless otherwise noted; TA = TMIN to
TMAX, unless otherwise noted.)
AD7495–SPECIFICATIONS
1
Parameter
A Version
1
B Version
1
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
Signal to Noise + Distortion
68
68
dB min
fIN = 300 kHz Sine Wave, fSAMPLE = 1 MSPS
(SINAD)
Total Harmonic Distortion (THD)
–75
–75
dB max
fIN = 300 kHz Sine Wave, fSAMPLE = 1 MSPS
Peak Harmonic or Spurious Noise
–76
–76
dB max
fIN = 300 kHz Sine Wave, fSAMPLE = 1 MSPS
(SFDR)
Intermodulation Distortion (IMD)
Second Order Terms
–78
–78
dB typ
Third Order Terms
–78
–78
dB typ
Aperture Delay
10
10
ns typ
Aperture Jitter
50
50
ps typ
Full Power Bandwidth
8.3
8.3
MHz typ
@ 3 dB
Full Power Bandwidth
1.3
1.3
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
12
12
Bits
Integral Nonlinearity
±1.5
±1
LSB max
@ 5 V (typ @ 3 V)
±0.5
±0.5
LSB typ
@ 25
°C
Differential Nonlinearity
+1.5/–0.9
+1.5/–0.9
LSB max
@ 5 V Guaranteed No Missed Codes to 12 Bits
(typ @ 3 V)
±0.6
±0.6
LSB typ
@ 25
°C
Offset Error
±8
±8
LSB max
Typically
±2.5 LSB
Gain Error
±7
±7
LSB max
Typically
±2.5 LSB
ANALOG INPUT
Input Voltage Ranges
0 to 2.5
0 to 2.5
Volts
DC Leakage Current
±1
±1
µA max
Input Capacitance
20
20
pF typ
REFERENCE OUTPUT
REF OUT Output Voltage
2.4625/2.5375 2.4625/2.5375
V min/max
REF OUT Impedance
10
10
Ω typ
REF OUT Temperature Coefficient 50
50
ppm/ C typ
LOGIC INPUTS
Input High Voltage, VINH
VDRIVE – 1
VDRIVE – 1
V min
Input Low Voltage, VINL
0.4
0.4
V max
Input Current, IIN
±1
±1
µA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance, CIN
2
10
10
pF max
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V min
ISOURCE = 200
µA; V
DD = 2.7 V to 5.25 V
Output Low Voltage, VOL
0.4
0.4
V max
ISINK = 200
µA
Floating-State Leakage Current
±10
±10
µA max
Floating-State Output Capacitance
2
10
10
pF max
Output Coding
Straight (Natural) Binary


유사한 부품 번호 - AD7495BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7495BRM AD-AD7495BRM Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495BRM AD-AD7495BRM Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495BRM-REEL AD-AD7495BRM-REEL Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7495BRM-REEL AD-AD7495BRM-REEL Datasheet
453Kb / 24P
   1MSPS,12-Bit ADCs
REV. B
AD7495BRM-REEL7 AD-AD7495BRM-REEL7 Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
More results

유사한 설명 - AD7495BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7475 AD-AD7475_V01 Datasheet
519Kb / 24P
   1 MSPS,12-Bit ADCs
Rev. D
AD7495ARZ AD-AD7495ARZ Datasheet
453Kb / 24P
   1 MSPS,12-Bit ADCs
REV. B
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
   8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
EVAL-AD7922 AD-EVAL-AD7922_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
EVAL-AD7912 AD-EVAL-AD7912_15 Datasheet
862Kb / 16P
   Evaluation Board for 1 MSPS, 2-Channel, 12-/10-Bit ADCs
REV. 0
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7470 AD-AD7470_15 Datasheet
529Kb / 21P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7470 AD-AD7470_03 Datasheet
325Kb / 20P
   1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs
REV. B
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com