전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17570Q5B 데이터시트(PDF) 5 Page - Texas Instruments

부품명 CSD17570Q5B
상세설명  30 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17570Q5B 데이터시트(HTML) 5 Page - Texas Instruments

  CSD17570Q5B_16 Datasheet HTML 1Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 2Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 3Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 4Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 5Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 6Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 7Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 8Page - Texas Instruments CSD17570Q5B_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
−75
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
ID = 250uA
G001
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 50A
TC = 125°C,I D = 50A
G001
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
Qg - Gate Charge (nC)
ID = 50A
VDS = 15V
G001
100
1000
10000
100000
0
3
6
9
12
15
18
21
24
27
30
VDS - Drain-to-Source Voltage (V)
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.02 0.04 0.06 0.08
0.1
0.12 0.14 0.16 0.18
0.2
VDS - Drain-to-Source Voltage (V)
VGS =10V
VGS =6V
VGS =4.5V
G001
0
20
40
60
80
100
120
140
160
180
200
0
0.5
1
1.5
2
2.5
3
3.5
4
VGS - Gate-to-Source Voltage (V)
TC = 125°C
TC = 25°C
TC = −55°C
VDS = 5V
G001
CSD17570Q5B
www.ti.com
SLPS471C – FEBRUARY 2014 – REVISED FEBRUARY 2015
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Figure 2. Saturation Characteristics
Figure 3. Transfer Characteristics
Figure 4. Gate Charge
Figure 5. Capacitance
Figure 6. Threshold Voltage vs Temperature
Figure 7. On-State Resistance vs Gate-to-Source Voltage
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CSD17570Q5B


유사한 부품 번호 - CSD17570Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD17570Q5B_16

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com