전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17570Q5BT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD17570Q5BT
상세설명  30 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17570Q5BT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CSD17570Q5BT Datasheet HTML 5Page - Texas Instruments CSD17570Q5BT Datasheet HTML 6Page - Texas Instruments CSD17570Q5BT Datasheet HTML 7Page - Texas Instruments CSD17570Q5BT Datasheet HTML 8Page - Texas Instruments CSD17570Q5BT Datasheet HTML 9Page - Texas Instruments CSD17570Q5BT Datasheet HTML 10Page - Texas Instruments CSD17570Q5BT Datasheet HTML 11Page - Texas Instruments CSD17570Q5BT Datasheet HTML 12Page - Texas Instruments CSD17570Q5BT Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4.318 (0.170)
2.186
6.586
0.350
(0.014)
1.294
x 8
(0.051)
0.746 x 8
(0.029)
(0.259)
1.072
(0.042)
1.270
0.562 x 4
(0.022)
0.300
(0.012)
(0.086)
(0.050)
1.525
(0.060)
0.508
x4
(0.020)
1.270 (0.050)
0.286
(0.011)
0.766
(0.030)
C
L
C
L
SYM
0.590
(0.023)
4.440
(0.175)
1.100
(0.043)
4.520
(0.178)
3.456
0.984
(0.136)
(0.039)
1.372
(0.054)
0.710 (0.028)
0.710
(0.028)
1.270 (0.028)
0.560 (0.022)
CSD17570Q5B
www.ti.com
SLPS471C – FEBRUARY 2014 – REVISED FEBRUARY 2015
7.2 Recommended PCB Pattern
For recommended circuit layout for PCB designs, see application note SLPA005 – Reducing Ringing Through
PCB Layout Techniques.
7.3 Recommended Stencil Pattern
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CSD17570Q5B


유사한 부품 번호 - CSD17570Q5BT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD17570Q5BT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com