전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18502Q5BT 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD18502Q5BT
상세설명  40V N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18502Q5BT 데이터시트(HTML) 3 Page - Texas Instruments

  CSD18502Q5BT Datasheet HTML 1Page - Texas Instruments CSD18502Q5BT Datasheet HTML 2Page - Texas Instruments CSD18502Q5BT Datasheet HTML 3Page - Texas Instruments CSD18502Q5BT Datasheet HTML 4Page - Texas Instruments CSD18502Q5BT Datasheet HTML 5Page - Texas Instruments CSD18502Q5BT Datasheet HTML 6Page - Texas Instruments CSD18502Q5BT Datasheet HTML 7Page - Texas Instruments CSD18502Q5BT Datasheet HTML 8Page - Texas Instruments CSD18502Q5BT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CSD18502Q5B
www.ti.com
SLPS320A – NOVEMBER 2012 – REVISED JULY 2015
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain to source voltage
VGS = 0 V, ID = 250 μA
40
V
IDSS
Drain to source leakage current
VGS = 0 V, VDS = 32 V
1
μA
IGSS
Gate to source leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate to source threshold voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.2
V
VGS = 4.5 V, ID = 30 A
2.5
3.3
m
RDS(on)
Drain to source on resistance
VGS = 10 V, ID = 30 A
1.8
2.3
m
gfs
Transconductance
VDS = 20 V, ID = 30 A
143
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
3900
5070
pF
Coss
Output capacitance
VGS = 0 V, VDS = 20 V, ƒ= 1 MHz
900
1170
pF
Crss
Reverse transfer capacitance
21
27
pF
RG
Series gate resistance
1.2
2.4
Qg
Gate charge total (4.5 V)
25
33
nC
Qg
Gate charge total (10 V)
52
68
nC
Qgd
Gate charge gate to drain
VDS = 20 V, ID = 30 A
8.4
nC
Qgs
Gate charge gate to source
10.3
nC
Qg(th)
Gate charge at Vth
6.9
nC
Qoss
Output charge
VDS = 20 V, VGS = 0 V
59
nC
td(on)
Turn on delay time
5.3
ns
tr
Rise time
6.8
ns
VDS = 20 V, VGS = 10 V,
IDS = 30 A, RG = 0 Ω
td(off)
Turn off delay time
23
ns
tf
Fall time
4
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 30 A, VGS = 0 V
0.8
1
V
Qrr
Reverse recovery charge
88
nC
VDS= 20 V, IF = 30 A,
di/dt = 300 A/
μs
trr
Reverse recovery time
44
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-case (top of package) thermal resistance(1)
0.8
°C/W
RθJA
Junction-to-ambient thermal resistance(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1 inch
2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu pad on a 1.5 inch × 1.5 inch (3.81 cm ×
3.81 cm), 0.06 inch (1.52 mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD18502Q5B


유사한 부품 번호 - CSD18502Q5BT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD18502Q5BT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18503Q5A TI1-CSD18503Q5A_16 Datasheet
380Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18504Q5A TI1-CSD18504Q5A_16 Datasheet
416Kb / 13P
[Old version datasheet]   40V N-Channel NexFET Power MOSFET
CSD18501Q5A TI1-CSD18501Q5A Datasheet
703Kb / 10P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18503Q5A TI1-CSD18503Q5A Datasheet
709Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD18504Q5A TI1-CSD18504Q5A Datasheet
674Kb / 9P
[Old version datasheet]   40V N-Channel NexFET??Power MOSFETs
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFET
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com