전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD18532Q5BT 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD18532Q5BT
상세설명  60V N-Channel NexFET Power MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18532Q5BT 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CSD18532Q5BT Datasheet HTML 2Page - Texas Instruments CSD18532Q5BT Datasheet HTML 3Page - Texas Instruments CSD18532Q5BT Datasheet HTML 4Page - Texas Instruments CSD18532Q5BT Datasheet HTML 5Page - Texas Instruments CSD18532Q5BT Datasheet HTML 6Page - Texas Instruments CSD18532Q5BT Datasheet HTML 7Page - Texas Instruments CSD18532Q5BT Datasheet HTML 8Page - Texas Instruments CSD18532Q5BT Datasheet HTML 9Page - Texas Instruments CSD18532Q5BT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
0
20
40
60
80
100
120
−50
−25
0
25
50
75
100
125
150
175
TC - Case Temperature (ºC)
G001
0.1
1
10
100
1000
5000
0.1
1
10
100
VDS - Drain-to-Source Voltage (V)
10us
100us
1ms
10ms
DC
Single Pulse
Max RthetaJC = 0.8ºC/W
G001
10
100
0.01
0.1
1
TAV - Time in Avalanche (mS)
TC = 25ºC
TC = 125ºC
G001
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
−75
−25
25
75
125
175
TC - Case Temperature (ºC)
VGS = 4.5V
VGS = 10V
ID = 25A
G001
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VSD − Source-to-Drain Voltage (V)
TC = 25°C
TC = 125°C
G001
CSD18532Q5B
SLPS322B – NOVEMBER 2012 – REVISED JULY 2014
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
Figure 8. Normalized On-State Resistance vs Temperature
Figure 9. Typical Diode Forward Voltage
Figure 10. Maximum Safe Operating Area
Figure 11. Single Pulse Unclamped Inductive Switching
Figure 12. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: CSD18532Q5B


유사한 부품 번호 - CSD18532Q5BT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD18532Q5BT

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD18531Q5A TI1-CSD18531Q5A Datasheet
699Kb / 10P
[Old version datasheet]   60V N-Channel NexFET??Power MOSFETs
CSD18540Q5B TI1-CSD18540Q5B_16 Datasheet
438Kb / 13P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_16 Datasheet
699Kb / 14P
[Old version datasheet]   60V N-Channel NexFET Power MOSFETs
CSD18540Q5B TI-CSD18540Q5B_15 Datasheet
974Kb / 15P
[Old version datasheet]   CSD18540Q5B 60V N-Channel NexFET Power MOSFETs
CSD16301Q2 TI-CSD16301Q2_11 Datasheet
183Kb / 9P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16323Q3 TI1-CSD16323Q3 Datasheet
392Kb / 12P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16325Q5 TI-CSD16325Q5 Datasheet
242Kb / 10P
[Old version datasheet]   N-Channel NexFET Power MOSFETs
CSD16403Q5A TI1-CSD16403Q5A Datasheet
345Kb / 10P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16406Q3 TI1-CSD16406Q3 Datasheet
364Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
CSD16407Q5 TI1-CSD16407Q5 Datasheet
340Kb / 11P
[Old version datasheet]   N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com