전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19538Q2 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD19538Q2
상세설명  100V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19538Q2 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CSD19538Q2 Datasheet HTML 4Page - Texas Instruments CSD19538Q2 Datasheet HTML 5Page - Texas Instruments CSD19538Q2 Datasheet HTML 6Page - Texas Instruments CSD19538Q2 Datasheet HTML 7Page - Texas Instruments CSD19538Q2 Datasheet HTML 8Page - Texas Instruments CSD19538Q2 Datasheet HTML 9Page - Texas Instruments CSD19538Q2 Datasheet HTML 10Page - Texas Instruments CSD19538Q2 Datasheet HTML 11Page - Texas Instruments CSD19538Q2 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
C
6X
0.35
0.25
0.95±0.1
6X
0.3
0.2
2X
1.3
0.3±0.05
4X
0.65
0.8 MAX
0.05
0.00
0.75±0.1
1±0.1
A
2.1
1.9
B
2.1
1.9
(0.47)
(0.2)
(0.2)
(0.2) TYP
(0.5)
PIN 1 INDEX AREA
SEATING PLANE
1
3
4
6
X0.3)
(45
PIN 1 ID
0.1
C A
B
0.05
C
8
7
PKG
PKG
8
CSD19538Q2
SLPS582 – JULY 2016
www.ti.com
Product Folder Links: CSD19538Q2
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Q2 Package Dimensions
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning
and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pads must be soldered to the printed circuit board for thermal and mechanical
performance.


유사한 부품 번호 - CSD19538Q2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19538Q3AT TI1-CSD19538Q3AT Datasheet
348Kb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD19538Q2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19534KCS TI1-CSD19534KCS Datasheet
326Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B_16 Datasheet
841Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19537Q3 TI1-CSD19537Q3 Datasheet
510Kb / 13P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19535KTT TI1-CSD19535KTT Datasheet
339Kb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19536KTT TI1-CSD19536KTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 12P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A_16 Datasheet
743Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI1-CSD19534Q5A Datasheet
374Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFETs
CSD19531KCS TI1-CSD19531KCS Datasheet
838Kb / 7P
[Old version datasheet]   100V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com