전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD23382F4T 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD23382F4T
상세설명  12 V P-Channel FemtoFET MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD23382F4T 데이터시트(HTML) 3 Page - Texas Instruments

  CSD23382F4T Datasheet HTML 1Page - Texas Instruments CSD23382F4T Datasheet HTML 2Page - Texas Instruments CSD23382F4T Datasheet HTML 3Page - Texas Instruments CSD23382F4T Datasheet HTML 4Page - Texas Instruments CSD23382F4T Datasheet HTML 5Page - Texas Instruments CSD23382F4T Datasheet HTML 6Page - Texas Instruments CSD23382F4T Datasheet HTML 7Page - Texas Instruments CSD23382F4T Datasheet HTML 8Page - Texas Instruments CSD23382F4T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CSD23382F4
www.ti.com
SLPS453C – MAY 2014 – REVISED OCTOBER 2014
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, IDS = –250 μA
–12
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = –9.6 V
–1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = –8 V
–10
μA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, IDS = 250 μA
–0.5
–0.8
–1.1
V
VGS = –1.8 V, IDS = –0.1 A
149
199
m
RDS(on)
Drain-to-Source On-Resistance
VGS = –2.5 V, IDS = –0.5 A
90
105
m
VGS = –4.5 V, IDS = –0.5 A
66
76
m
gƒs
Transconductance
VDS = –10 V, IDS = –0.5 A
3.4
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
180
235
pF
VGS = 0 V, VDS = –6 V,
Coss
Output Capacitance
118
154
pF
ƒ = 1 MHz
Crss
Reverse Transfer Capacitance
12.8
16.6
pF
RG
Series Gate Resistance
350
Qg
Gate Charge Total (–4.5 V)
1.04
1.35
nC
Qgd
Gate Charge Gate-to-Drain
0.15
nC
VDS = –6 V, IDS = –0.5 A
Qgs
Gate Charge Gate-to-Source
0.50
nC
Qg(th)
Gate Charge at Vth
0.18
nC
Qoss
Output Charge
VDS = –6 V, VGS = 0 V
1.08
nC
td(on)
Turn On Delay Time
28
ns
tr
Rise Time
25
ns
VDS = –6 V, VGS = –4.5 V,
IDS = –0.5 A,RG = 2 Ω
td(off)
Turn Off Delay Time
66
ns
tƒ
Fall Time
41
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = –0.5 A, VGS = 0 V
–0.75
–1
V
Qrr
Reverse Recovery Charge
1.8
nC
VDS= –6 V, IF = –0.5 A, di/dt = 200 A/μs
trr
Reverse Recovery Time
8.4
ns
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
TYP
UNIT
Junction-to-Ambient Thermal Resistance(1)
85
RθJA
°C/W
Junction-to-Ambient Thermal Resistance(2)
245
(1)
Device mounted on FR4 material with 1 inch2 (6.45 cm2), 2 oz. (0.071 mm thick) Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CSD23382F4


유사한 부품 번호 - CSD23382F4T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
More results

유사한 설명 - CSD23382F4T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD25501F3 TI1-CSD25501F3 Datasheet
1Mb / 13P
[Old version datasheet]   ??0-V P-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com