전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9238BST-65 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD9238BST-65
상세설명  12-Bit, 20/40/65 MSPS Dual A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9238BST-65 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD9238BST-65 Datasheet HTML 6Page - Analog Devices AD9238BST-65 Datasheet HTML 7Page - Analog Devices AD9238BST-65 Datasheet HTML 8Page - Analog Devices AD9238BST-65 Datasheet HTML 9Page - Analog Devices AD9238BST-65 Datasheet HTML 10Page - Analog Devices AD9238BST-65 Datasheet HTML 11Page - Analog Devices AD9238BST-65 Datasheet HTML 12Page - Analog Devices AD9238BST-65 Datasheet HTML 13Page - Analog Devices AD9238BST-65 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9238
–10–
AD9238
–11–
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
FREQUENCY – MHz
TPC 13. Dual-Tone FFT with fIN1 = 45 MHz and
fIN2 = 46 MHz
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
FREQUENCY – MHz
TPC 14. Dual-Tone FFT with fIN1 = 70 MHz and
fIN2 = 71 MHz
–120
10
15
20
25
30
5
0
–100
–80
–60
–40
–20
0
FREQUENCY – MHz
TPC 15. Dual-Tone FFT with fIN1 = 200 MHz and
fIN2 = 201 MHz
INPUT AMPLITUDE – dBFS
95
90
85
80
100
SNR
SFDR
75
–24
SNR
SNR
70
–21
–18
–15
–12
–9
–6
65
60
TPC 16. Dual-Tone SNR/SFDR vs. AIN with
fIN1 = 45 MHz and fIN2 = 46 MHz
INPUT AMPLITUDE – dBFS
95
90
85
80
100
SNR
SFDR
75
–24
SNR
SNR
70
–21
–18
–15
–12
–9
–6
65
60
TPC 17. Dual-Tone SNR/SFDR vs. AIN with
fIN1 = 70 MHz and fIN2 = 71 MHz
INPUT AMPLITUDE – dBFS
95
90
85
80
100
SNR
SFDR
75
–24
SNR
70
–21
–18
–15
–12
–9
–6
65
60
TPC 18. Dual-Tone SNR/SFDR vs. AIN with
fIN1 = 200 MHz and fIN2 = 201 MHz
REV. A
REV. A


유사한 부품 번호 - AD9238BST-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9238BST-65 AD-AD9238BST-65 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9238BST-65 AD-AD9238BST-65 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9238BST-65PCB AD-AD9238BST-65PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results

유사한 설명 - AD9238BST-65

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248 Datasheet
419Kb / 23P
   14-Bit, 20/40/65 MSPS Dual A/ D Converter
Rev. PrE 6/29/2004
AD9235 AD-AD9235_15 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCPZ-65 AD-AD9235BCPZ-65 Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
AD9235BCP-65EBZ AD-AD9235BCP-65EBZ Datasheet
838Kb / 40P
   12-Bit, 20/40/65 MSPS 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com